Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCC1902621 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # SWCC1902621
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

SWCC1902621 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  SWCC1902621 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SWCC1902621
PART NO.
a
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
Item Numb er
Title
Quantity
1
BACK PANEL
1
2
REAR SWING FRAME
1
3
SIDE SWING FRAME
2
4
FRONT DOOR ASSEMBLY
1
5
15U COMBINATION MOUNTING RAIL
4
6
FAN COVER
2
7
SIDE PANEL
2
8
TOP PANEL
1
9
BOTTOM PANEL
1
10
REAR FRAME
1
11
CABLE ENTRY COVER
2
12
WALL MOUNTING BRAKET
1
PART NUMBERS
PAINTED BLACK TEXTURED
SWCC1902621BK2
NOTES
Shipped knockdown for ease & protection.
FRONT VIEW
DOOR REMOVED
TOP VIEW
BOTTOM VIEW
L.S. VIEW
A
A
SECTION A-A
REAR VIEW
29.88 in
759 mm
26.58 in
675 mm
21.79 in
553 mm
11.99 in
305 mm
3.94 in
100 mm
q 0.375
STANDARD 4.70" FAN
SIZE CUTOUT
CABLE ENTRY
1.58 in
40 mm
1.57 in
40 mm
1.57 in
40 mm
13.38 in
340 mm
CABLE ENTRY
23.68 in
601 mm
18.33 in
466 mm
19" MTG
17.71 in
450 mm
OPENING
25.75 in
654 mm
15U
20.91 in
531 mm
O/A INTERNAL SPACE
16.00 in
406 mm
USEABLE SPACE
10.98 in
279 mm
MTG DEPTH
25.75 in
654 mm
15U
17.76 in
451 mm
26.77 in
680 mm
23.87 in
606 mm
20.49 in
520 mm
18.50 in
470 mm
16.61 in
422 mm
11.06 in
281 mm
B
DETAIL B
8:1
1.08 in
27 mm
.54 in
14 mm
O
.31 in
8 mm
O
.49 in
12 mm
10
1
3
2
4
5
6
7
8
9
12
11


Similar Part No. - SWCC1902621

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SWCC1902621BK2 HAMMOND-SWCC1902621BK2 Datasheet
64Kb / 2P
Armoire murale a porte pivotante - modele economique
More results

Similar Description - SWCC1902621

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1487DV1 HAMMOND-1487DV1 Datasheet
155Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487DV2 HAMMOND-1487DV2 Datasheet
152Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E12SS HAMMOND-1487E12SS Datasheet
55Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E24 HAMMOND-1487E24 Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E48 HAMMOND-1487E48 Datasheet
188Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E120 HAMMOND-1487E120 Datasheet
190Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EHSS HAMMOND-1487EHSS Datasheet
14Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EK HAMMOND-1487EK Datasheet
94Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EL2SS HAMMOND-1487EL2SS Datasheet
16Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EM6 HAMMOND-1487EM6 Datasheet
133Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com