Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4243 Datasheet(PDF) 1 Page - Alpha Wire

Part # M4243
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M4243 Datasheet(HTML) 1 Page - Alpha Wire

  M4243 Datasheet HTML 1Page - Alpha Wire M4243 Datasheet HTML 2Page - Alpha Wire M4243 Datasheet HTML 3Page - Alpha Wire M4243 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. M4243
Construction
Diameters (In)
1) Component 1
1 X 1 COAX
a) Conductor
30 (7/38) AWG TC
0.012
b) Insulation
0.023" Wall, Nom. Foam HDPE
0.058
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
NATURAL
2) Shield
TC BRAID Shield,89% Coverage, Min.
3) Jacket
0.011" Wall, Nom.,PVC
0.097 (0.100 Max.)
a) Color(s)
BLACK
b) Print
ALPHA WIRE-* P/N M4243
75 OHM MINI COAX 1C30 RU AWM STYLE 1375 EXXXXX
* = Factory Code
Applicable Specifications
1) UL
AWM/STYLE 1375
60°C / 30 VRMS
Environmental
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU Directive
2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
Properties


Similar Part No. - M4243

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
M4242 ALPHAWIRE-M4242 Datasheet
187Kb / 4P
Customer Specification
M4244 ALPHAWIRE-M4244 Datasheet
187Kb / 4P
Customer Specification
logo
Enercon Technologies Eu...
M4244 ENERCON-M4244 Datasheet
1Mb / 9P
DC/DC POWER SUPPLY
Jun 4, 2023
More results

Similar Description - M4243

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com