Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5299BRP Datasheet(PDF) 2 Page - Intel Corporation

Part # SC5299BRP
Description  Intel Technical Advisory
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SC5299BRP Datasheet(HTML) 2 Page - Intel Corporation

  SC5299BRP Datasheet HTML 1Page - Intel Corporation SC5299BRP Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2009 Intel Corporation.
* Other names and brands may be claimed as the property of others.
Internal Area Offset
= 00h
Chassis Area Offset
= 00h
Board Area Offset
= 00h
Product Area Offset
= 01h
MultiRecord Offset
= 09h
Pad
= 00h
Checksum
= F5h
Displaying Internal Use Area
Internal Use Information Area not present in FRU Device
Display Chassis Area
Chassis Information Area not present in FRU Device
Display Board Area
Board Information Area not present in this FRU Device
Display Product Area
Product Information Area (Version 1, Length 64)
Unicode Country Base
= 19h
Manufacturer Name(ASCII)
= HIPRO
Product Name
(ASCII)
= HP-R650FF3-LF
Part Number
(ASCII)
= D23019-008
Product Version (ASCII)
= 00F
Serial Number
(ASCII)
= M70649000782
Asset Tag
(ASCII)
=
Mftr FRU File ID (ASCII)
=
For replacement power supplies affected by this issue, please contact Intel using your normal warranty process,
indicating that you are calling regarding TA# 0936-1. Have the following information when you call: the serial number(s)
of the system(s) or chassis(s); and the part number and serial number of the affected power supply(s).
For customers that have power supplies outside of the affected serial number range and encounter power on issues,
make sure that the power supply is seated well in the power supply cage. Power the system down, remove the power
cord and remove the power supply and reseat the power supply in the cage.
Please contact your Intel Sales Representative if you require more specific information about this issue.
Enterprise Platforms & Services Division
Intel Corporation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com