Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAC45W-180-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAC45W-180-R
Description  45 Watt Universal 2-Wire Input Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAC45W-180-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAC45W-180-R Datasheet HTML 1Page - Phihong USA Inc. PSAC45W-180-R Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSAC45W Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
120-240V AC
AC Input Voltage Range
89-270V AC
AC Input Frequency
47-63Hz
Input Current
1.2A (RMS) Maximum at 120V AC
Leakage Current
250uA maximum
Inrush Current
120A max. at 120V AC and max load
(Ambient 25°C cold start
Input Power Saving
0.3W maximum at nominal input
Output:
Efficiency
Meets Level V Efficiency Requirements
87.7% minimum
Environmental:
Temperature
Operation
0 to 40°C
Non-operation
-20 to 70°C
Operating Humidity
5 to 90%
EMC
FCC Class B
EN55022 Class B
Immunity
IEC61000-4-2
IEC61000-4-3
IEC61000-4-4
IEC61000-4-5
IEC61000-4-6
IEC61000-4-8
IEC61000-4-11
EN61000-3-2
Over-Voltage Protection
Auto-restart
Over-Current Protection
Auto-restart
Short-Circuit Protection
Protected against short circuit – Output can be
shorted permanently without damage
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000V AC, 10mA for 1 minute
Insulation Resistance
Primary to secondary: >7M ohm 500V DC
DC Output Connector
Center Positive Barrel (10mm x 5.5mm x 2.1mm)
DC Cord
1500mm ± 50
Dimension Diagram Unit: mm (inch)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com