Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAC45W-480-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSAC45W-480-R
Description  45 Watt Universal 2-Wire Input Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAC45W-480-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSAC45W-480-R Datasheet HTML 1Page - Phihong USA Inc. PSAC45W-480-R Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revised 8/8/2013
WWW.PHIHONG.COM
45 Watt Universal 2-Wire Input Adapter
PAC45W Adapter Series Meets Level V Efficiency Requirements
Features
 Low Cost
 Non-Vented/Spill-proof Case
 EISA Energy Efficiency Compliance
 Low Profile Design
 Ecodesign ErP Directive 2009/125/EC
level 2 annex 1b Compliant
 Class B EMI
 Level V Efficiency Compliant
Applications
 Portable Equipment
 Networking
 Notebook Computers
 Gaming Machines
Safety Approvals
 CE
 cUL/UL
Mechanical Characteristics
 Length: 120mm (4.72in)
 Height: 31.5mm (1.27in)
 Width: 50mm (1.98in)
 Weight: 250g (8.82oz)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple
Efficiency
Min.
Max.
P-P (max.)
Level
PSAC45W-120-R
12V
0A
3.750A
150mV
PSAC45W-180-R
18V
0A
2.500A
180mV
PSAC45W-240-R
24V
0A
1.875A
240mV
PSAC45W-480-R
48V
0A
0.938A
480mV
PSAC45W-560-R
56V
0A
0.804A
560mV


Similar Part No. - PSAC45W-480-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC45W-480 PHIHONG-PSAC45W-480 Datasheet
266Kb / 2P
45 Watt Universal 2-Wire Input Adapter PSAC45WAdapter Series Meets Level VI Efficiency Requirements
PSAC45W-480 PHIHONG-PSAC45W-480 Datasheet
155Kb / 3P
45 Watt Universal 2-Wire Input Adapter
More results

Similar Description - PSAC45W-480-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA15W-050 PHIHONG-PSAA15W-050 Datasheet
126Kb / 2P
15 Watt Universal 2-Wire Input Desktop Adapter
PSAA60W-120 PHIHONG-PSAA60W-120 Datasheet
118Kb / 2P
60 Watt Universal 2-Wire Input Adapter
PSC60W-120 PHIHONG-PSC60W-120 Datasheet
130Kb / 2P
60 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120 Datasheet
114Kb / 2P
60 Watt Universal 2-Wire Input Adapter
PSAA60W-150 PHIHONG-PSAA60W-150 Datasheet
100Kb / 2P
60 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120_14 Datasheet
114Kb / 2P
60 Watt Universal 2-Wire Input Adapter
PSM36W-120TW2 PHIHONG-PSM36W-120TW2 Datasheet
123Kb / 2P
36 Watt Universal 2-Wire Input Adapter
PSAA15W-050L6 PHIHONG-PSAA15W-050L6_17 Datasheet
174Kb / 3P
15 Watt Universal 2-Wire Input Desktop Adapter
PSAC45W-120 PHIHONG-PSAC45W-120_17 Datasheet
155Kb / 3P
45 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120_17 Datasheet
98Kb / 3P
60 Watt Universal 2-Wire Input Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com