Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD101AW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SD101AW
Description  SCHOTTKY BARRIER SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD101AW Datasheet(HTML) 2 Page - Diodes Incorporated

  SD101AW Datasheet HTML 1Page - Diodes Incorporated SD101AW Datasheet HTML 2Page - Diodes Incorporated SD101AW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD101AW - SD101CW
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 4)
SD101AW
SD101BW
SD101CW
V(BR)R
60
50
40
⎯
V
IR = 10μA
IR = 10μA
IR = 10μA
Forward Voltage Drop
SD101AW
SD101BW
SD101CW
SD101AW
SD101BW
SD101CW
VFM
⎯
0.41
0.40
0.39
1.00
0.95
0.90
V
IF = 1.0mA
IF = 1.0mA
IF = 1.0mA
IF = 15mA
IF = 15mA
IF = 15mA
Peak Reverse Current (Note 4)
SD101AW
SD101BW
SD101CW
IRM
⎯
200
nA
VR = 50V
VR = 40V
VR = 30V
Total Capacitance
SD101AW
SD101BW
SD101CW
CT
⎯
2.0
2.1
2.2
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
⎯
1.0
ns
IF = IR = 5.0mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
4. Short duration pulse test used to minimize self-heating effect.
SD101AW - SD101CW
Document number: DS11012 Rev. 19 - 2
2 of 3
www.diodes.com
July 2008
© Diodes Incorporated
0.01
0.1
1.0
10
00.5
1.0
A
B
C
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0.0001
0.1
1
10
020
40
60
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
10
30
50
0.001
0.01
0
1
2
010
2030
40
50
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs Reverse Voltage
R
T= 25 C
f = 1MHz
j
°
0
200
500
025
50
75
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Power Derating Curve
A
100
100
300
400
See Note 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com