Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1244 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1244
Description  Chopper-Stabilized, Two Wire Hall-Effect Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1244 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1244 Datasheet HTML 1Page - Allegro MicroSystems A1244 Datasheet HTML 2Page - Allegro MicroSystems A1244 Datasheet HTML 3Page - Allegro MicroSystems A1244 Datasheet HTML 4Page - Allegro MicroSystems A1244 Datasheet HTML 5Page - Allegro MicroSystems A1244 Datasheet HTML 6Page - Allegro MicroSystems A1244 Datasheet HTML 7Page - Allegro MicroSystems A1244 Datasheet HTML 8Page - Allegro MicroSystems A1244 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Chopper-Stabilized, Two Wire
Hall-Effect Latch
A1244
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
NC
1
2
3
1
3
2
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
28
V
Reverse Supply Voltage
VRCC
–18
V
Magnetic Flux Density
B
Unlimited
G
Operating Ambient Temperature
TA
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Selection Guide
Part Number
Packing*
Package
Operating Ambient
Temperature, TA
(°C)
Supply Current
at ICC(L)
(mA)
A1244LLHLX-I1-T 13-in. reel, 10000 pieces/reel 3-pin SOT23W surface mount
–40 to 150
5 to 6.9
A1244LLHLX-I2-T 13-in. reel, 10000 pieces/reel 3-pin SOT23W surface mount
–40 to 150
2 to 5
A1244LUA-I1-T
Bulk, 500 pieces/bag
3-pin SIP through hole
–40 to 150
5 to 6.9
A1244LUA-I2-T
Bulk, 500 pieces/bag
3-pin SIP through hole
–40 to 150
2 to 5
*Contact Allegro™ for additional packing options
Pin-out Diagrams
LH Package
3-pin SOT23W
UA Package
3-pin SIP
Terminal List Table
Name
Number
Function
LH
UA
VCC
1
1
Connects power supply to chip
NC
2
–
No connection
GND
3
2,3
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com