Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3114-8R2-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SD3114-8R2-R
Description  Low Profile Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD3114-8R2-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SD3114-8R2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD3114-8R2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD3114-8R2-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• 125°C maximum total temperature operation
• 3.1mm x 3.1mm x 1.4mm shielded drum core
• Ferrite core material
• Inductance range from 1.0uH to 330uH
• Current range from 2.59 Amps to 0.106 Amps
• Frequency range up to 4MHz
Applications
• Cellular phones, Digital cameras, CD players, PDA’s
• Small LCD displays
• LED driver and LED flash circuits
• Hard disk drives
• Backlighting
• EL panel
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(range is application specific)
• Solder reflow temperature: +260°C max. for 10 seconds
maximum
Packaging
• Supplied in tape and reel packaging, 4100 per reel
SD3114 Series
Low Profile Power Inductors
Part Number
Rated
OCL (1)
Part
Irms (2)
Isat (3)
DCR (
Ω)
K-factor
Inductance
(µH)
Marking
Amperes
Amperes
typ. @
(4)
(µH)
Designator
20°C
SD3114-1R0-R
1.0
1.16+/-30%
A
1.60
2.35
0.058
98
SD3114-1R5-R
1.5
1.44+/-30%
B
1.39
2.11
0.077
79
SD3114-2R2-R
2.2
2.12+/-30%
C
1.17
1.74
0.110
67
SD3114-3R3-R
3.3
3.36+/-30%
D
0.95
1.38
0.167
54
SD3114-4R7-R
4.7
4.90+/-30%
E
0.77
1.14
0.251
45
SD3114-6R8-R
6.8
6.72+/-30%
F
0.71
0.98
0.296
37
SD3114-8R2-R
8.2
8.10+/-30%
G
0.68
0.89
0.329
34
SD3114-100-R
10.0
10.4+/-30%
H
0.57
0.78
0.458
30
SD3114-150-R
15.0
14.9+/-20%
I
0.48
0.66
0.650
25
SD3114-220-R
22.0
22.5+/-20%
J
0.43
0.53
0.821
21
SD3114-330-R
33.0
33.1+/-20%
K
0.35
0.44
1.23
17
SD3114-470-R
47.0
47.5+/-20%
L
0.280
0.37
1.86
14
SD3114-680-R
68.0
68.6+/-20%
M
0.239
0.305
2.62
12
SD3114-820-R
82.0
81.8+/-20%
N
0.227
0.280
2.91
11
SD3114-101-R
100.0
101.1+/-20%
O
0.213
0.252
3.30
10
SD3114-151-R
150.0
149.0+/-20%
P
0.172
0.207
5.07
8
SD3114-221-R
220.0
220.9+/-20%
Q
0.140
0.170
7.67
6
SD3114-331-R
330.0
329.5+/-20%
R
0.113
0.139
11.78
5
(1) Open Circuit Inductance Test Parameters: 100kHz, 0.1V, 0.0Adc.
(2) Irms: DC current for an approximate DT of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and
proximity of other heat generating components will affect the temperature rise. It
is recommended that the temperature of the part not exceed 125°C under worst
case operating conditions verified in the end application.
(3) Isat Amperes peak for approximately 30% rolloff (@20°C)
(4) K-factor: Used to determine B p-p for core loss (see graph).
B p-p = K*L*
∆I, B p-p(mT), K: (K factor from table), L: (Inductance in uH),
∆I (Peak to peak ripple current in Amps).
RoHS
2002/95/EC


Similar Part No. - SD3114-8R2-R

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD311-351-1000G WINCHESTER-SD311-351-1000G Datasheet
105Kb / 1P
31 SERIES RECEPTACLE TO SMA JACK ADAPTER
SD311-510-0850G WINCHESTER-SD311-510-0850G Datasheet
77Kb / 1P
STRAIGHT CABLE RECEPTACLE
SD311-510-1410G WINCHESTER-SD311-510-1410G Datasheet
79Kb / 1P
RDM STRAIGHT RECEPTACLE
logo
Cooper Bussmann, Inc.
SD3110-100-R COOPER-SD3110-100-R Datasheet
121Kb / 3P
Low Profile Power Inductors
SD3110-101-R COOPER-SD3110-101-R Datasheet
121Kb / 3P
Low Profile Power Inductors
More results

Similar Description - SD3114-8R2-R

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
Low Profile Power Inductors
logo
Superworld Electronics
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
Low Profile Power Inductors
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
Low Profile Power Inductors
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
LOW PROFILE POWER INDUCTORS
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
Low Profile Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com