Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3114-330-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # SD3114-330-R
Description  Low Profile Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD3114-330-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  SD3114-330-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD3114-330-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD3114-330-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD3114 Series
Low Profile Power Inductors
DC Current vs. Temperature
0
10
20
30
40
50
60
70
80
90
0
0. 05
0. 1
0. 15
0. 2
0. 25
0. 3
0. 35
0. 4
0. 45
Total Loss(W)
Dimensions are in millimeters.
2
1
10.25
12.0
+/-0.3
1.75
1.5 Dia.
+0.1/-0.0
1.2 Dia
min.
8.0
3.2
B1
3.2
A
5.50
A
A o = 3.9 mm
A 1 = 0.93 mm
Bo = 3.60 mm
B1 = 1.25 mm
K o = 1.60 mm
Direction of feed
A1
Ao
2.00
¡À0. 0 5
4. 0 0
Ko
SECTION A -A
Bo
Parts packaged on 13" Diameter reel,
4,100 parts per reel.
Packaging Information
2.40
0.70
1.40
RECOMMENDED PCB LAYOUT
SCHEMATI C
BOTTOM VIEW
SIDE VIEW
TOP VIEW
Marking
3.1 max.
3.1 max.
XX X
Pin #1indicator
1.2 typical
3.7 max
1.4 max
1
2
Part Marking:
3 Digit Marking: (1st digit: Indicates inductance value per letter in Part Marking Designator); (2nd digit: Bi-weekly production date code); (3rd digit: Last digit of the year produced).
Mechanical Diagrams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com