Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPT1012 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1012
Description  Gallium Nitride 28V, 25W RF Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1012 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  NPT1012 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT1012 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT1012 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT1012 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1012 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1012 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1012 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT1012 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NPT1012
NDS-025 Rev. 3, April 2013
NPT1012
Page 5
Load-Pull Data, Reference Plane at Device Leads
VDS=28V, IDQ=225mA, TA=25°C unless otherwise noted
63%
44.0dBm
63%
44.0dBm
Figure 8 - Load-Pull Contours, 3000MHz,
PIN = 31.7dBm, ZS = 5.3 - j8.8 Ω
Figure 9 - Load-Pull Contours, 3500MHz,
PIN = 33.5dBm, ZS = 5.0 - j14.5 Ω
Figure 10 - Typical CW Performance in
Load-Pull
Figure 11 - Typical CW Performance1 Over
Voltage in Load-Pull, 500MHz
Note 1: 500MHz and 900MHz Load-Pull data collected using a 4.7 Ω resistor in the RF path added for stability



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com