Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012F106CS Datasheet(PDF) 1 Page - Samsung semiconductor

Part # RC2012F106CS
Description  Samsung electro-mechanics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012F106CS Datasheet(HTML) 1 Page - Samsung semiconductor

  RC2012F106CS Datasheet HTML 1Page - Samsung semiconductor RC2012F106CS Datasheet HTML 2Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Supplier : Samsung electro-mechanics
• Samsung P/N:
RC2012F***CS
• Product : Thick - Film chip RESISTOR
• Description :
2012, ±1%, (1Ω~1㏁), 1/8W
RC 2012
F
***
CS
①②
③
④
⑤
① Code designation
Samsung Thick - Film Chip Resistor
② Dimension
2012 (mm code)
L :
2.0
± 0.2
mm
W :
± 0.15
mm
T :
± 0.1
mm
③ Resistancs tolerance
±1 %
④ Nominal resistance value
※3digits -Left 2 digits : Resistance value, Right 1 digits : Exponential number of 10.
ex) 101 : 10×10
1 = 10×10 = 100Ω
※4digits -Left 3 digits : Resistance value, Right 1 digits : Exponential number of 10.
ex) 4222 : 422×10
2 = 422×100 = 42.2㏀
Read alphabet "R" as decimal point
"000" : Jumper(0Ω)
ex) 3R7 : 3.7 = 3.7Ω / 88R7 : 88.7 = 88.7Ω
⑤ Packing code
7" Reel packaging
B. Samsung Reliablility Test and Judgement condition
Resistor
Jumper
Resistor
Jumper
Direct Current
Within the regulated resistance
50mΩ Max
Voltage apply Within 5 sec
Resistance
tolerance.
Short-time
Less than ±(1%+0.1Ω)of the initial value
50mΩ Max
Apply 2.5 times rated voltage for 5sec Max Surge
Overload
No evidence of mechanical damage
Current
Intermittent
Less than ±(3%+0.1Ω)of the initial value
50mΩ Max
2.5 times of rated voltage.
Max Surge
Overload
No evidence of mechanical damage
1 sec On, 25 sec Off / 10,000cycles
Current
Dielectric
No evidence of mechanical damage
Apply Voltage for 1minute
Withstanding Voltage
0603:50v
Insulation
Over 1,000MΩ
1005,1608:100v
Resistance
Other: 500v
■ J-Grade
Test Temperature(℃) 20℃→-55℃/20℃→125℃
Temperature
1Ω≤R<10Ω:+300/-200ppm/℃
T.C.R(ppm/℃
) =
Characteristic
10Ω≤R≤1MΩ:±100ppm/℃(0603±250ppm)
1MΩ<R≤10MΩ:±300ppm/℃
■ F-Grade
T0 : 20 ± 2℃, R0 : Resistance at T0 (Ω)
10Ω≤R≤1MΩ:±100ppm/℃(0603±250ppm)
T : Test temperature , R : Resistance at T ( Ω)
Solderability
Coverage: 95%≤ each termination.
Solder Temp : 245℃
Dipping time : 3 sec
Judgement
Test condition
SPECIFICATION
A. Samsung Part Number
1.25
0.5
RR
RT
T
−
×
−
×
0
00
6
1
10


Similar Part No. - RC2012F106CS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC2012F1002CS SAMSUNG-RC2012F1002CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC2012F1003CS SAMSUNG-RC2012F1003CS Datasheet
82Kb / 2P
Samsung electro-mechanics
logo
List of Unclassifed Man...
RC2012F100AS ETC1-RC2012F100AS Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
RC2012F100BS ETC1-RC2012F100BS Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
RC2012F100CS ETC1-RC2012F100CS Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
More results

Similar Description - RC2012F106CS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL03A104KO3 SAMSUNG-CL03A104KO3 Datasheet
83Kb / 2P
Samsung electro-mechanics
CL03C180JA3 SAMSUNG-CL03C180JA3 Datasheet
151Kb / 2P
Samsung electro-mechanics
CL31A106KB SAMSUNG-CL31A106KB Datasheet
139Kb / 2P
Samsung electro-mechanics
CL32B104KE SAMSUNG-CL32B104KE Datasheet
82Kb / 2P
Samsung electro-mechanics
RC0603J474CS SAMSUNG-RC0603J474CS Datasheet
82Kb / 2P
Samsung electro-mechanics
RC2012F1003CS SAMSUNG-RC2012F1003CS Datasheet
82Kb / 2P
Samsung electro-mechanics
CL05A475MO5NUNC SAMSUNG-CL05A475MO5NUNC Datasheet
1Mb / 36P
Samsung electro-mechanics
CL05B102KB5NNNC SAMSUNG-CL05B102KB5NNNC Datasheet
1Mb / 36P
Samsung electro-mechanics
CL05B104KP5NNNC SAMSUNG-CL05B104KP5NNNC Datasheet
1Mb / 36P
Samsung electro-mechanics
CL05B105KQ5NQNC SAMSUNG-CL05B105KQ5NQNC Datasheet
185Kb / 2P
Samsung electro-mechanics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com