Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ463 Datasheet(PDF) 2 Page - NEC

Part # 2SJ463
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ463 Datasheet(HTML) 2 Page - NEC

  2SJ463 Datasheet HTML 1Page - NEC 2SJ463 Datasheet HTML 2Page - NEC 2SJ463 Datasheet HTML 3Page - NEC 2SJ463 Datasheet HTML 4Page - NEC 2SJ463 Datasheet HTML 5Page - NEC 2SJ463 Datasheet HTML 6Page - NEC 2SJ463 Datasheet HTML 7Page - NEC 2SJ463 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2SJ463A
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Drain Cut-off Current
IDSS
–1
µAVDS = –30 V, VGS = 0
Gate Leakage Current
IGSS
+10
µAVGS = +20 V, VDS = 0
Gate Cut-off Voltage
VGS(off)
–1.0
–1.4
–1.7
V
VDS = –3 V, ID = –10
µA
Forward Transfer Admittance
| yfs |20
mS
VDS = –3 V, ID = –10 mA
Drain to Source On-State
RDS(on)1
23
60
Ω
VGS = –2.5 V, ID = –1 mA
Resistance
Drain to Source On-State
RDS(on)2
11
23
Ω
VGS = –4 V, ID = –10 mA
Resistance
Drain to Source On-State
RDS(on)3
613
Ω
VGS = –10 V, ID = –10 mA
Resistance
Input Capacitance
Ciss
5pF
VDS = –3 V
Output Capacitance
Coss
15
pF
VGS = 0
Reverse Transfer Capacitance
Crss
1.3
pF
f = 1 MHz
Turn-on Delay Time
td(on)
140
ns
VDD = –3 V, ID = –10 mA
Rise Time
tr
330
ns
VGS(on) = –4 V, RG = 10
Ω
Turn-off Delay Time
td(off)
220
ns
RL = 300
Ω
Fall Time
tf
320
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com