Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # RC2012
Description  Owing to the reduced lead inductance, the high frequency characteristic is excellent.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 1 Page - Samsung semiconductor

  RC2012 Datasheet HTML 1Page - Samsung semiconductor RC2012 Datasheet HTML 2Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision
0.30±0.03
0.50±0.05
0.80±0.15
1.25±0.15
1.60±0.15
2.55±0.20
2.50±0.20
3.20±0.20
0.23±0.03
0.35±0.05
0.45±0.10
0.50±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.10±0.05
0.20±0.10
0.30±0.20
0.40±0.20
0.45±0.20
0.45±0.20
0.60±0.20
0.60±0.20
0.15±0.05
0.25±0.10
0.35±0.10
0.35±0.20
0.40±0.20
0.40±0.20
0.60±0.20
0.60±0.20
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
Type
0201
0402
0603
0805
1206
1210
2010
2512
Inch
1/20
1/16
1/10
1 / 8
1 / 4
1 / 3
2/ 3
1
Power(W)
0.60±0.03
1.00±0.05
1.60±0.10
2.00±0.20
3.20±0.20
3.20±0.20
5.00±0.20
6.30±0.20
LW
H
I1
I2
Average
Weight
0.15
㎎
0.6
㎎
2.1
㎎
4.9
㎎
9.5
㎎
16
㎎
26
㎎
41
㎎
•The part number system shall be in the following format
(UNIT: mm)
2370
RC: Chip Resistor
Code Designation
R C
1005
F
Dimension & Size Code
Tolerance
0603: 0.6
×0.3(㎜) - 0201(inch)
1005: 1.0
×0.5(㎜) - 0402(inch)
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
3225: 3.2
×2.5(㎜) - 1210(inch)
5025: 5.0
×2.5(㎜) - 2010(inch)
6432: 6.4
×3.2(㎜) - 2512(inch)
F: ±1%
3 or 4 digits coding system
(IEC coding system)
3digits (E-24 series)
4digits (E-96 series)
CS
Resistance Value
Packaging Code
GS: Bulk Packaging
CS: Tape Packaging 7"
ES: Tape Packaging 10"
FS: Tape Packaging 13"
AS: Tape Packaging 13"
•Low tolerance (±1%)
•Both flow and reflow soldering are applicable.
•Suitable size and packaging for surface mount assembly.
•Owing to the reduced lead inductance, the high frequency
characteristic is excellent.
The product of lead-free terminal is RoHS compliant.
PhO(lead oxide) is included in the glass of our product which is prescribed
on RoHS appendix as an exception.
•Circuit for high precision resistance and reliability.
•For signal control part
•For tunning circuit.
Feature
Application
•Structure
•Dimensions
I1
W
Glass or Polymer Coating
(Protective Coating)
RuO2 type Resistor
Alumina Substrate(96%)
Special Plating
(Ni, Solder)
Thick film Elecrtode
(Inner Electrode)
H
L
I2
Structure and Dimensions
Parts Numbering System


Similar Part No. - RC2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2012 ETC1-RC2012 Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
logo
Samsung semiconductor
RC2012 SAMSUNG-RC2012 Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC2012 SAMSUNG-RC2012 Datasheet
787Kb / 2P
Circuit for high precision resistance and reliability.
RC2012 SAMSUNG-RC2012 Datasheet
791Kb / 2P
Suitable size and packaging for surface mount assembly
logo
List of Unclassifed Man...
RC2012 ETC2-RC2012 Datasheet
791Kb / 2P
Low tolerance
More results

Similar Description - RC2012

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08034 ICE-IN08034 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08035 ICE-IN08035 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08052 ICE-IN08052 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08070 ICE-IN08070 Datasheet
56Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08106 ICE-IN08106 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08124 ICE-IN08124 Datasheet
35Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08127 ICE-IN08127 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08137 ICE-IN08137 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08144 ICE-IN08144 Datasheet
35Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN09004 ICE-IN09004 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com