Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSL01 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MPSL01
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPSL01 Datasheet(HTML) 1 Page - Continental Device India Limited

  MPSL01 Datasheet HTML 1Page - Continental Device India Limited MPSL01 Datasheet HTML 2Page - Continental Device India Limited MPSL01 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
MPSL01
TO-92
CBE
Amplifier Transistor.
ABSOLUTE MAXIMUM RATINGS.
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
140
V
Collector -Emitter Voltage
VCEO
120
V
Emitter -Base Voltage
VEBO
5.0
V
Collector Current Continuous
IC
150
mA
Power Dissipation @Ta=25 degC
PD
625
mW
Derate Above 25 deg C
5.0
mw/deg C
Power Dissipation @Tc=25 degC
PD
1.5
W
Derate Above 25 deg C
12
mw/deg C
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
83.3
deg C/W
Junction to Ambient
Rth(j-a)
200
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO*
IC=1mA,IB=0
120
-
-
V
Collector -Base Voltage
VCBO
IC=100uA.IE=0
140
-
-
V
Emitter -Base Voltage
VEBO
IE=10uA, IC=-0
5.0
-
-
V
Collector-Cut off Current
ICBO
VCB=75V, IE=0
-
-
1.0
uA
Emitter-Cut off Current
IEBO
VEB=4V, IC=0
-
-
100
nA
DC Current Gain
hFE*
IC=10mA,VCE=5V
50
-
300
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
MPSL01
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Saturation Voltage
VCE(Sat)
IC=10mA,IB=1mA
-
-
0.2
V
IC=50mA,IB=5mA*
-
-
0.3
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=10mA,IB=1mA
-
-
1.2
V
IC=50mA,IB=5mA*
-
-
1.4
V
Dynamic Characteristics
Small Signal Current Gain
hfe
IC=1mA, VCE=10V
30
-
-
f=1kHz
Transition Frequency
ft*
VCE=10V,IC=10mA,
60
-
-
MHz
f=100MHz
Collector Base Capacitance
Ccb
VCB=10V, IE=0
-
-
8.0
pF
f=1MHz
*Pulse Test: Pulse Width=300us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 3
E B
C
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MPSL01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSL01 MOTOROLA-MPSL01 Datasheet
199Kb / 6P
Amplifier Transistor
logo
Samsung semiconductor
MPSL01 SAMSUNG-MPSL01 Datasheet
267Kb / 7P
NPN (AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MPSL01 FAIRCHILD-MPSL01 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
logo
Central Semiconductor C...
MPSL01 CENTRAL-MPSL01 Datasheet
20Kb / 1P
Small Signal Transistors
logo
Fairchild Semiconductor
MPSL01 FAIRCHILD-MPSL01 Datasheet
295Kb / 7P
NPN General Purpose Amplifier
More results

Similar Description - MPSL01

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com