Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS8599 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MPS8599
Description  PNP SILICON PLANAR AMPLIFIER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPS8599 Datasheet(HTML) 1 Page - Continental Device India Limited

  MPS8599 Datasheet HTML 1Page - Continental Device India Limited MPS8599 Datasheet HTML 2Page - Continental Device India Limited MPS8599 Datasheet HTML 3Page - Continental Device India Limited MPS8599 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR AMPLIFIER TRANSISTORS
MPS8598
MPS8599
TO-92
Plastic Package
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
Collector Emitter Voltage
60
80
V
Collector Base Voltage
60
80
V
Emitter Base Voltage
5
5
V
Collector Current Continuous
mA
Power Dissipation @ Ta=25ºC
mW
Derate Above 25ºC
mW/ ºC
Power Dissipation @ Tc=25ºC
W
Derate Above 25ºC
mW/ ºC
Operating And Storage Junction
Temperature Range
THERMAL RESISTANCE
Junction to Ambient in free air
ºC/W
Junction to Case in free air
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
Collector Emitter Breakdow Voltage
BVCEO
IC=10mA,IB=0
MPS8598
60
V
MPS8599
80
V
Collector Base Voltage
BVCBO
IC=100µA,IE=0
MPS8598
60
V
MPS8599
80
V
Emitter Base Voltage
BVEBO
IE=10µA, IC=0
5
V
Collector Cutoff Current
ICEO
100
nA
Collector Cutoff Current
ICBO
MPS8598
VCE=60V, IE=0
100
nA
MPS8599
100
nA
Emitter Cut off Current
IEBO
VBE=4V, IC = 0
DC Current Gain
hFE
VCE=5V,IC=1mA
100
300
VCE=5V,IC=10mA
100
VCE=5V,IC=100mA*
75
*Pulse Condition: = Width < 300
µµs, Duty Cycle < 2%.
MAX
UNITS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
500
625
5.0
1.5
12
-55 to +150
ºC
DESCRIPTION
SYMBOL
MPS8599
200
PD
Tj, Tstg
Rth(j-a)
VCEO
VCBO
83.3
UNITS
MPS8598
Rth(j-c)
VEBO
IC
PD
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MPS8599

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS8599 MOTOROLA-MPS8599 Datasheet
248Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPS8599 ONSEMI-MPS8599 Datasheet
112Kb / 8P
Amplifier Transistors
September, 2001 ??Rev. 2
logo
Samsung semiconductor
MPS8599 SAMSUNG-MPS8599 Datasheet
32Kb / 1P
PNP (AMPLIFIER TRANSISTOR)
logo
Micro Electronics
MPS8599 MICRO-ELECTRONICS-MPS8599 Datasheet
48Kb / 1P
PNP SILICON TRANSISTOR
logo
ON Semiconductor
MPS8599 ONSEMI-MPS8599 Datasheet
82Kb / 7P
Amplifier Transistors Voltage and Current are Negative for PNP Transistors
January, 2006 ??Rev. 5
More results

Similar Description - MPS8599

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2904 SIEMENS-2N2904 Datasheet
173Kb / 7P
PNP SILICON PLANAR TRANSISTORS
2N2906 SIEMENS-2N2906 Datasheet
41Kb / 2P
PNP SILICON PLANAR TRANSISTORS
2N2906A SIEMENS-2N2906A Datasheet
130Kb / 5P
PNP SILICON PLANAR TRANSISTORS
BD287 SIEMENS-BD287 Datasheet
93Kb / 4P
PNP SILICON PLANAR TRANSISTORS
BSV15 SIEMENS-BSV15 Datasheet
261Kb / 8P
PNP SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
2N4234 CDIL-2N4234 Datasheet
68Kb / 4P
PNP SILICON PLANAR TRANSISTORS
2N4030 CDIL-2N4030 Datasheet
209Kb / 4P
PNP SILICON PLANAR TRANSISTORS
MPS650 CDIL-MPS650 Datasheet
197Kb / 3P
NPN/PNP SILICON PLANAR AMPLIFIER TRANSISTORS
logo
Diodes Incorporated
2N67267 DIODES-2N67267 Datasheet
49Kb / 1P
PNP SILICON PLANAR TRANSISTORS
MARCH 1994
logo
New Jersey Semi-Conduct...
BCX23 NJSEMI-BCX23 Datasheet
42Kb / 1P
PNP silicon planar transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com