Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS650 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MPS650
Description  NPN/PNP SILICON PLANAR AMPLIFIER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPS650 Datasheet(HTML) 1 Page - Continental Device India Limited

  MPS650 Datasheet HTML 1Page - Continental Device India Limited MPS650 Datasheet HTML 2Page - Continental Device India Limited MPS650 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN/PNP SILICON PLANAR AMPLIFIER TRANSISTORS
MPS650 , MPS651 (NPN)
MPS750 , MPS751 (PNP)
TO -92
CBE
AMPLIFIER TRANSISTORS
ABSOLUTE MAXIMUM RATINGS.
DESCRIPTION
SYMBOL
MPS650
MPS651
UNITS
MPS750
MPS751
Collector -Emitter Voltage
VCEO
40
60
V
Collector -Base Voltage
VCBO
60
80
V
Emitter -Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Power Dissipation @Ta=25 degC
PD
mW
Derate Above 25deg C
mW/deg C
Power Dissipation @Tc=25 degC
PD
W
Derate Above 25deg C
mW/deg C
Operating And Storage Junction
Tj, Tstg
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
deg C/W
Junction to Ambient
Rth(j-a)
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MPS650
MPS651
UNITS
MPS750
MPS751
Collector -Emitter Voltage
VCEO*
IC=10mA,IB=0
>40
>60
V
Collector -Base Voltage
VCBO
IC=100uA, IE=0
>60
>80
V
Emitter -Base Voltage
VEBO
IE=10uA, IC=0
>5.0
>5.0
V
Collector-Cut off Current
ICBO
VCB=60V, IE=0
<100
-
nA
VCB=80V, IE=0
-
<100
nA
Emitter-Cut off Current
IEBO
VEB=4V, IC=0
<100
<100
nA
DC Current Gain
hFE*
IC=50mA, VCE=2V
>75
>75
IC=500mA, VCE=2V
>75
>75
IC=1A, VCE=2V
>75
>75
IC=2A, VCE=2V
>40
>40
Collector Emitter Saturation Voltage
VCE(Sat)* IC=2A, IB=200mA
<0.50
<0.50
V
IC=1A, IB=100mA
<0.30
<0.30
V
Base Emitter on Voltage
VBE(on)*
IC=1A, VCE=2V
<1.0
<1.0
V
Base Emitter Saturation Voltage
VBE(Sat)* IC=1A, IB=100mA
<1.2
<1.2
V
Current Gain-Bandwidth Product
ft**
IC=50mA, VCE=5V
>75
>75
MHz
f=100MHz
*Pulse Condition : Length =300us, Duty Cycle=2%
**ft is defined as the frequency at which /hfe/ extrapolates to unity
200
1.5
12.0
-55 to +150
83.3
5.0
2.0
625
5.0
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MPS650

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
Amplifier Transistors
May, 2005 ??Rev. 2
MPS650 ONSEMI-MPS650 Datasheet
74Kb / 5P
Amplifier Transistors
April, 2007 ??Rev. 3
logo
Central Semiconductor C...
MPS650 CENTRAL-MPS650 Datasheet
463Kb / 2P
NPN - High Current Transistor Chip
logo
New Jersey Semi-Conduct...
MPS650 NJSEMI-MPS650 Datasheet
96Kb / 2P
Amplifier Transistors
logo
Central Semiconductor C...
MPS650 CENTRAL-MPS650 Datasheet
1,017Kb / 5P
COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - MPS650

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
2N4400 CDIL-2N4400 Datasheet
153Kb / 6P
NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Continental Device Indi...
CSA709 CDIL-CSA709 Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Seme LAB
BUX77A SEME-LAB-BUX77A_09 Datasheet
98Kb / 3P
SILICON PLANAR EPITAXIAL NPN/PNP TRANSISTORS
logo
Continental Device Indi...
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
MPS8598 CDIL-MPS8598 Datasheet
255Kb / 4P
PNP SILICON PLANAR AMPLIFIER TRANSISTORS
CL100S CDIL-CL100S Datasheet
226Kb / 2P
NPN/PNP SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com