Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ10 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MMSZ10
Description  ZENER VOLTAGE REGULATOR DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MMSZ10 Datasheet(HTML) 1 Page - Continental Device India Limited

  MMSZ10 Datasheet HTML 1Page - Continental Device India Limited MMSZ10 Datasheet HTML 2Page - Continental Device India Limited MMSZ10 Datasheet HTML 3Page - Continental Device India Limited MMSZ10 Datasheet HTML 4Page - Continental Device India Limited MMSZ10 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ZENER VOLTAGE REGULATOR DIODES
MMSZ4V7 - 56V
SOD-123
PLASTIC PACKAGE
For High Density Applications
Polarity: - Cathode indicated by polarity band
ABSOLUTE MAXIMUM RATINGS
Power Dissipation on FR-5 Board at TL=75ºC (Note 1)
Derated Above 75ºC
Thermal Resistance, Junction to Ambient (Note 2)
Thermal Resistance, Junction to Lead (Note 2)
Operating and Storage Junction Temperature Range
Note1. FR-5=3.5 x 1.5 inches
Note2. Thermal Resistance measured obtained via infrared Scan Method
Forward Voltage at IF=10mA <0.9V and <1.5V at 200mA
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
ZZT1
(Note5)
VZ2 (V) Notes
3 and 4
at
IZT2=1mA
ZZT2 (Note 5)
(
Ω
Ω)
IR at
VR
at IZT2=
µµA
(V)
1mA
min
nom
max
min
max
max
Max
MMSZ4V7
4.47
4.7
4.94
3.7
4.7
500
3.0
2.0
MMSZ5V1
4.85
5.1
5.36
60
4.2
5.3
480
2.0
2.0
MMSZ5V6
5.32
5.6
5.88
40
4.8
6.0
400
1.0
2.0
MMSZ6V2
5.89
6.2
6.51
10
5.6
6.6
150
3.0
4.0
MMSZ6V8
6.46
6,8
7.14
15
6.3
7.2
80
2.0
4.0
MMSZ7V5
7.13
7.5
7.88
15
6.9
7.9
80
1.0
5.0
MMSZ8V2
7.79
8.2
8.61
15
7.6
8.7
80
0.7
5.0
MMSZ9V1
8.65
9.1
9.56
15
8.4
9.6
100
0.5
6.0
MMSZ10
9.50
10
10.50
20
9.3
10.6
150
0.2
7.0
Note3. Tolerance of +/- 5% on the nominal Zener Voltage
Note4. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current App;ied for PW=1ms
Note5. ZZT and ZZK are measured by dividing the AC Voltage drop across the device by the AC Current Applied
The specified limits are for IZ (AC) =0.1 IZ (DC) with the AC frequency =1KHz
MMSZ4V7_56Rev_1 050506E
Marking
U3
°C
VALUE
500
6.7
340
150
- 55 to +150
UNIT
mW
mW/ºC
ºC/W
U4
V3
V5
U5
V1
V2
V4
A1
DESCRIPTION
80
VZ1 (V) Notes 3 and 4
at
IZT1=5mA
at IZT1=
5mA
max
(
Ω
Ω)
ºC/W
SYMBOL
PD
Rth (j-a)
Rth (j-L)
Tj, Tstg
Max Reverse
Current
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MMSZ10

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MMSZ10 EIC-MMSZ10 Datasheet
114Kb / 3P
ZENER DIODES
logo
SUNMATE electronic Co.,...
MMSZ10 SUNMATE-MMSZ10 Datasheet
387Kb / 3P
500mW Surface Mount Zener Diodes
MMSZ10 SUNMATE-MMSZ10 Datasheet
596Kb / 3P
SURFACE MOUNT SILICON ZENER DIODES
logo
ON Semiconductor
MMSZ10ET1 ONSEMI-MMSZ10ET1 Datasheet
78Kb / 6P
Zener Voltage Regulators
June, 2004 ??Rev. 1
MMSZ10ET1 ONSEMI-MMSZ10ET1 Datasheet
81Kb / 7P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
More results

Similar Description - MMSZ10

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
ZENER VOLTAGE REGULATOR DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
VOLTAGE REGULATOR ZENER DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
Zener Voltage Regulator Diodes
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com