Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP100 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FP100
Description  HIGH PERFORMANCE PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FP100 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FP100 Datasheet HTML 1Page - Filtronic Compound Semiconductors FP100 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY DATA SHEET
FP100
HIGH PERFORMANCE PHEMT
Phone: (408) 988-1845
http:// www.filss.com
Email: sales@filss.com
Fax: (408) 970-9950
Revised: 07/18/01
•
RECOMMENDED CONTINUOUS OPERATING LIMITS
Parameter
Symbol
Nominal
Units
Drain-Source Voltage
VDS
5
V
Gate-Source Voltage
VGS
-0.8
V
Drain-Source Current
IDS
0.5 IDSS
mA
RF Input Power
PIN
30
mW
Channel Operating Temperature
TCH
150
°C
Ambient Temperature
TSTG
-20/50
°C
Note:
Device should be operated at or below Recommended Continuous Operating Limits for reliable performance.
•
ABSOLUTE RATINGS
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain-Source Voltage
VDS
TAmbient = 22 ± 3 °C
7
V
Gate-Source Voltage
VGS
TAmbient = 22 ± 3 °C
-3
V
Drain-Source Current
IDS
TAmbient = 22 ± 3 °C
IDSS
mA
Gate Current
IG
TAmbient = 22 ± 3 °C
2.5
mA
RF Input Power
PIN
TAmbient = 22 ± 3 °C
60
mW
Channel Operating Temperature
TCH
TAmbient = 22 ± 3 °C
175
ºC
Storage Temperature
TSTG
—
-65
175
ºC
Note:
Even temporary operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage
to the device.
•
APPLICATIONS NOTES & DESIGN DATA
Applications Notes are available from your local Filtronic Sales Representative or directly from the
factory.
Complete design data, including S-parameters, noise data, and large-signal models are
available on the Filtronic web site.
•
HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 1A (0-500 V). Further information on ESD control
measures can be found in MIL-STD-1686 and MIL-HDBK-263.
All information and specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com