Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATH-BASE Datasheet(PDF) 2 Page - OKI electronic componets

Part # ATH-BASE
Description  Create Your Own Rework System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ATH-BASE Datasheet(HTML) 2 Page - OKI electronic componets

  ATH-BASE Datasheet HTML 1Page - OKI electronic componets ATH-BASE Datasheet HTML 2Page - OKI electronic componets ATH-BASE Datasheet HTML 3Page - OKI electronic componets ATH-BASE Datasheet HTML 4Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HCT-1000ProgrammableHandHeldConvectionTool
The HCT-1000 System is a fully programmable hand held convection rework tool that can both remove and
place SMT components. It features digital controls, internal or external thermocouple feedback control, pro-
gram storage of up to 50 profiles and integrated vacuum pick-up for component placement and removal.Addi-
tionally, with multiple modes of operation including manual, 4 zone heating, and as part of the MRS-1000
System, the HCT-1000 stands out as a versatile convection tool.
The hand-piece features vacuum and reflow buttons allowing the process to be
operated manually or automatically through a profile when used as part of the
Modular Rework System (MRS).Additionally, the vacuum has automatic lift off
of components, at the end of the removal profile, taking guesswork out of the
operators’ hands and improving process control.
As part of the MRS System, the HCT-1000 is connected via a cable to the
PCT-1000, and may be used withATH-1000Adjustable Tool Holder. In this
mode the HCT-1000 provides timing control for both units and theATH-1000
allows repeatable place and remove operations.
ATH-1000AdjustableToolHolder
TheATH-1000AdjustableTool Holder is designed to work with the HCT-1000 or
as part of the MRS-1000 System.The tool holder features a board holder, locking
hand-piece retainer, Z axis stop and mounting configurations for stand-alone
operation or integrated as part of the MRS-1000.TheATH-1000 is sturdy and
easy to attach to the PCT-1000 Programmable Preheater when incorporated into
the MRS System.
The4componentsbelowcanbepurchasedasacompletesystem(MRS-1000)orasseparateitems.
Youchoose.
HNSeriesNozzles
Aseries of 14 Nozzles are available for use with the
MRS-1000 / HCT-1000. The nozzles fit applications
reworking components of all sizes from (including,
but not limited to) BGAs, QFPs, LGAs, PLCC and
SOIC.Acustom nozzle program is also available.
11
22
ConfiguretheSystemtoyourNeeds.
TwoAdjustable Tool Holder models are available:
- The
ATH-1000A uses theAdvanced Head
Assembly which features 4” of Z axis adjustment,
½” fine adjustment of the X & Y axis as well as
30° θ adjustment.
- The
ATH-1000B uses the Basic Head assembly
and provides 4” of Z axis adjustment.
ATH-BASE can be ordered separately when the
ATH-1000 is used as a standalone unit.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com