Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT-FS1 Datasheet(PDF) 3 Page - OKI electronic componets

Part # PCT-FS1
Description  Create Your Own Rework System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

PCT-FS1 Datasheet(HTML) 3 Page - OKI electronic componets

  PCT-FS1 Datasheet HTML 1Page - OKI electronic componets PCT-FS1 Datasheet HTML 2Page - OKI electronic componets PCT-FS1 Datasheet HTML 3Page - OKI electronic componets PCT-FS1 Datasheet HTML 4Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM-1000LightMagnifier
The LM-1000, Light Magnifier, is an integrated light and magnifier. It features
a 4x magnification lens and an integrated LED lighting system for shadow free
illumination. Use it as part of the MRS Modular Rework System by attaching it
to the back of theATH-1000 tool holder or configure it for standalone operation
with its own optional base plate (LM-BP).
PCT-1000ProgrammablePreheater
The PCT-1000 is a programmable preheater that provides users the ability to
increase heat capacity with highly controlled thermal output.The PCT-1000 can
be used in a variety of processes including soldering, desoldering, SMD rework
operations and, with its added heat capacity, will provide faster production rates
while lowering overall process temperatures.
The preheater can be used in two modes; manual for constant heater
temperature, and profile for greater control to maintain PCB board temperature
with external thermocouple feedback.
With four programmable heating zones and one cooling zone, users select time
and temperature targets, creating a preheat thermal profile.The PCT-1000 also
has an advanced heater control function where the temperature is controlled
either at the heater output (internal) or at the board (external thermocouple).
The PCT-1000 is equipped with the highly advanced heater design found on
sophisticated OK International rework systems. Its convection heater creates a
vortex effect that efficiently directs and concentrates heat.
MRS-1000Applications
The MRS-1000 is perfect for removal and placement of SMT
Components. Specific examples of applications include:
Simple removal and replacement of delicate SMTcomponents.
Quick, easy and cost effective removal of BGA& CSPthat will later
be placed with your dedicatedArray Package Rework System, this
increases the productivity of your rework area and reduces your
technicians workload.
Automaticity lifts the component at the end of the cycle, preventing
operators from prematurely lifting components and damaging
expensive PCBs.
33
44
MRS-1000Features
Digital display for repeatable temperature settings and profile control
Automatic control of the preheater for simple operation
Easy profile creation for operator repeatability
Integrated vacuum pickup for easy component removal
Hand held or tool holder mounted for operator comfort
Manual mode for quick setup
External thermocouple for process setup and verification
Digital controlled airflow for repeatable results
X,Y, Z andTheta controls for component alignment
Adjustable PCB holder for easy change outs
Automatic vacuum lift off at the end of the cycle
LM-BPcan be ordered separately when the LM-1000 is used as a standalone unit.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com