Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM3112C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PEM3112C
Description  30W Power Over Ethernet Plus (POE) PD Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEM3112C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PEM3112C Datasheet HTML 5Page - List of Unclassifed Manufacturers PEM3112C Datasheet HTML 6Page - List of Unclassifed Manufacturers PEM3112C Datasheet HTML 7Page - List of Unclassifed Manufacturers PEM3112C Datasheet HTML 8Page - List of Unclassifed Manufacturers PEM3112C Datasheet HTML 9Page - List of Unclassifed Manufacturers PEM3112C Datasheet HTML 10Page - List of Unclassifed Manufacturers PEM3112C Datasheet HTML 11Page - List of Unclassifed Manufacturers PEM3112C Datasheet HTML 12Page - List of Unclassifed Manufacturers PEM3112C Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PEM3100 SERIES
by
30W Power Over Ethernet Plus (POE+) PD Module
www.poweredethernet.com
PEM3100_13F_R1-1
Page 9 of 13
Part F.8.1. – PEM3100 Output Voltage Adjustment – Reference Chart
Figure 6
Figure 7
10.5
11
11.5
12
12.5
13
13.5
Resistance KOhm (approx)
PEM3112 Output Voltage Adjustment
OADJ to -­‐VDC 
OADJ to +VDC 
16.5
17
17.5
18
18.5
19
19.5
Resistance KOhm (approx)
PEM3118 Output Voltage Adjustment
OADJ to -­‐VDC 
OADJ to +VDC 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com