Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C20400B Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C20400B
Description  1 4 Clock Driver for Intel PCIe짰 3.0 Chipsets
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400B Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C20400B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.pericom.com
P-0.1
10/12/2011
PI6C20400B
1:4 Clock Driver for Intel PCIe® 3.0 Chipsets
Configuration Test Load Board Termination
475Ω
1%
49.9Ω
1%
Rp
49.9Ω
1%
Rp
33Ω
5%
Rs
33Ω
5%
Rs
PI6C20400B
TLA
TLB
OUT
OUT#
2pF
5%
2pF
5%
11-0126



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com