Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C20400BLE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C20400BLE
Description  1 4 Clock Driver for Intel PCIe짰 3.0 Chipsets
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400BLE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C20400BLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.pericom.com
P-0.1
10/12/2011
PI6C20400B
1:4 Clock Driver for Intel PCIe® 3.0 Chipsets
Absolute Maximum Ratings (Over operating free-air temperature range)
Symbol
Parameters
Min.
Max.
Units
V
DD_A
3.3V Core Supply Voltage
-0.5
4.6
V
V
DD
3.3V I/O Supply Voltage
-0.5
4.6
V
IH
Input High Voltage
4.6
V
IL
Input Low Voltage
-0.5
Ts
Storage Temperature
-65
150
°C
V
ESD
ESD Protection
2000
V
Note:
1. Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
DC Electrical Characteristics (V
DD = 3.3±5%, VDD_A = 3.3±5%)
Symbol
Parameters
Condition
Min.
Max.
Units
V
DD_A
3.3V Core Supply Voltage
3.135
3.465
V
V
DD
3.3V I/O Supply Voltage
3.135
3.465
V
IH
3.3V Input High Voltage
V
DD
2.0
V
DD + 0.3
V
IL
3.3V Input Low Voltage
V
SS – 0.3
0.8
I
IL
Input Leakage Current
0 < V
IN < VDD
-5
+5
µA
V
OH
3.3V Output High Voltage
I
OH = -1mA
2.4
V
V
OL
3.3V Output Low Voltage
I
OL = 1mA
0.4
I
OH
Output High Current
I
OH = 6 x IREF,
I
REF = 2.32mA
12.2
mA
15.6
C
IN
Input Pin Capacitance
2
5
pF
C
OUT
Output Pin Capacitance
6
L
PIN
Pin Inductance
7
nH
I
DD(BYPASS)
Power Supply Current
(PLL Bypass)
V
DD = 3.465V, FCPU = 100MHz
90
mA
I
DD
Power Supply Current
V
DD = 3.465V
Bypass mode
100
F
CPU = 100MHz
PLL mode
130
I
SS
Power Down Current
Driven outputs
40
I
SS
Power Down Current
Tristate outputs
12
T
A
Ambient Temperature
-40
85
°C
11-0126



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com