Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RER125-19 Datasheet(PDF) 2 Page - ebm-papst

Part # RER125-19
Description  DC centrifugal compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RER125-19 Datasheet(HTML) 2 Page - ebm-papst

  RER125-19 Datasheet HTML 1Page - ebm-papst RER125-19 Datasheet HTML 2Page - ebm-papst RER125-19 Datasheet HTML 3Page - ebm-papst RER125-19 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC centrifugal compact fan
single inlet
RER 125-19/14 N
Technical features
Dimensions
138 Ø x 35 mm
General description
Particular design features:
Optional Vario-Pro: Highly flexible software configuration for the fan ensures an easily customisable
solution to meet the individual requirements of your application.
Backward curved impeller.
General features:
Impeller made of fibreglass-reinforced plastic.
Electronic commutation completely integrated.
Protected against reverse polarity and locking.
Direction of air flow radial, direction of rotation, seen on rotor: clockwise.
Connection via single strands AWG 22, TR 64, bared and tin-plated.
Mass: 320 g.
Connection line
Single strands AWG 22, TR 64, bared and tin-plated.
Locked-rotor protection
With electronic blocking and overload protection
Direction of rotation
Right, looking at rotor
Direction of air flow
Axial air intake, centrifugal air exhaust out of the outlet.
Bearing
Ball bearings
Lifetime L10 at 40 °C
62500 h
Lifetime L10 at maximum
temperature
27500 h
Mass
0.320 kg
Housing material
Scroll housing of fiberglass-reinforced plastic.
Material of impeller
Fiberglass-reinforced plastic reinforced with sheet steel.
Motor protection
Protected against reverse polarity and locking.
Approval
VDE, CSA, UL, CE
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com