Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RG2012
Description  High Reliability and Excellent Stability at different environmental conditions
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RG2012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RG2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers RG2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers RG2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ultra precision 0.02%, 0.05%, 0.1%, 0.25%, 0.5%, tolerance
Thin Film Chip Resistor
SUSUMU CO.,LTD
RG series
www.susumu.co.jp
• High Reliability and Excellent Stability at different environmental conditions
• Low noise, THIN FILM(NiCr) construction
• EIA Standard case size(0402, 0603, 0805, 1206)
• RoHS Compliance and 100% Lead-Free (Matte Sn termination finished)
APPLICATIONS
FEATURES
• Automotive
• Test & Measurement
• Optical & Telecommunication
• Medical and Industrial Equipment
Low
(ultra precision)
Regular
High
(ohm)
(ppm/oC)
10-46.4
100(R)
47-100K
25(P), 10(N)
100-2.94K
5(V)
47-100K
25(P), 10(N)
100-2.94K
5(V)
47-100K
25(P), 10(N)
100-2.94K
5(V)
47-100K
25(P), 10(N)
100-2.94K
5(V)
+0.02% (V)
100-2.94K
100-2.94K
25(P), 10(N), 5(V)
10-46.4
50(Q)
47-360K
25(P)
47-274K
10(N)
100-4.99K
5(V)
47-274K
25(P), 10(N)
100-4.99K
5(V)
47-332K
25(P)
47-274K
10(N)
100-4.99K
5(V)
47-332K
25(P)
47-274K
10(N)
100-4.99K
5(V)
+0.02% (V)
100-4.99K
100-4.99K
25(P), 10(N), 5(V)
10-46.4
50(Q)
47-1M
25(P)
47-475K
10(N)
100-10K
5(V)
47-1M
25(P), 10(N)
100-10K
5(V)
47-1M
25(P)
47-475K
10(N)
100-10K
5(V)
47-475K
25(P)
47-475K
10(N)
100-10K
5(V)
+0.02% (V)
100-10K
100-10K
25(P), 10(N), 5(V)
10-46.4
50(Q)
10-1M
25(P), 10(N)
100-33.2K
5(V)
47-1M
25(P), 10(N)
100-33.2K
5(V)
47-1M
25(P), 10(N)
100-33.2K
5(V)
47-1M
25(P), 10(N)
100-33.2K
5(V)
+0.02% (V)
100-33.2K
100-33.2K
25(P), 10(N), 5(V)
150V
E-24, E-96
0.1W
0.125W
47-1M
+0.5% (D)
0.25W
+0.05% (W)
+0.5% (D)
10-1M
47-332K
+0.1% (B)
75V
100V
+0.05% (W)
47-1M
RG2012
0805
0.1W
0.25W
+0.25% (C)
47-1M
0.125W
1206
+0.25% (C)
47-1M
+0.1% (B)
47-1M
RG3216
RG1608
0603
0.063W
0.166W
+0.05% (W)
47-475K
+0.1% (B)
47-1M
+0.25% (C)
47-274K
+0.5% (D)
47-100K
0.125W
+0.25% (C)
+0.1% (B)
+0.05% (W)
+0.5% (D)
10-100K
0402
RG1005
Resistance
Tolerance
(Code)
Type
Size
E-24, E-96
E-24, E-96
E-24, E-96
10-360K
Resistance
Values
(E-series)
Resistance
Range
(ohm)
Temperature Coefficient (Code)
Power Rating ar 85 oC
Max.
operating
Voltage
0.032W
25V
0.063W
Electrical Specification


Similar Part No. - RG2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG2012 ETC2-RG2012 Datasheet
75Kb / 2P
RG series, ultra-precision & ultra-reliability metal film chip resistors
RG2012 ETC2-RG2012 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG2012 ETC2-RG2012 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Freescale Semiconductor...
RG2012N-620-BT1 FREESCALE-RG2012N-620-BT1 Datasheet
1Mb / 27P
RF Power LDMOS Transistors
logo
List of Unclassifed Man...
RG2012N104BT1 ETC2-RG2012N104BT1 Datasheet
1Mb / 3P
THIN FILM CHIP RESISTOR
More results

Similar Description - RG2012

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
CMK08B02TH DELTA-CMK08B02TH Datasheet
54Kb / 1P
Low cost, Low resistance, Excellent electrical isolation and environmental stability
logo
Vishay Siliconix
TMPG06-43A VISHAY-TMPG06-43A_08 Datasheet
102Kb / 5P
Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TMPG06-6.8 VISHAY-TMPG06-6.8_11 Datasheet
85Kb / 5P
PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
09-Feb-11
logo
List of Unclassifed Man...
RG1005P-123 ETC2-RG1005P-123 Datasheet
179Kb / 3P
High Reliability and Excellent Stability at different environmental conditions
RG1608N-4531 ETC2-RG1608N-4531 Datasheet
179Kb / 3P
High Reliability and Excellent Stability at different environmental conditions
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
High reliability and stability.
logo
Vishay Siliconix
SM5A27T VISHAY-SM5A27T Datasheet
97Kb / 5P
High Temperature Stability and High Reliability Conditions
24-Mar-15
SM5S10AT VISHAY-SM5S10AT Datasheet
113Kb / 5P
High Temperature Stability and High Reliability Conditions
03-Jul-15
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
High reliability and stability
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
High reliability and stability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com