Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSSWJ Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # TPSSWJ
Description  Joint mural Tara Plus
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

TPSSWJ Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  TPSSWJ Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
R149-010-000
Joint mural Tara Plus
Accepte un tube rectangulaire de 60 x 40 mm perpendiculaire à sa
surface de montage.
Aluminium moulé sous pression G Al Si 12.
Pivote sur 186°.
Accessible depuis le dessus.
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - TPSSWJ

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
TPSS HAMMOND-TPSS Datasheet
118Kb / 2P
Systeme de suspension Tara Plus
logo
AVX Corporation
TPSS105*020#6000 AVX-TPSS105*020#6000 Datasheet
199Kb / 16P
Low ESR
TPSS1050206000 AVX-TPSS1050206000 Datasheet
1Mb / 13P
Low ESR
021318
TPSS105K020#6000 AVX-TPSS105K020#6000 Datasheet
227Kb / 11P
Low ESR
FEATURES
TPSS105M020#6000 AVX-TPSS105M020#6000 Datasheet
227Kb / 11P
Low ESR
FEATURES
More results

Similar Description - TPSSWJ

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HDSSWJ HAMMOND-HDSSWJ Datasheet
75Kb / 1P
Joint mural robuste
TPSS HAMMOND-TPSS Datasheet
118Kb / 2P
Systeme de suspension Tara Plus
TPSSB48 HAMMOND-TPSSB48 Datasheet
73Kb / 1P
Base 48 Tara Plus
TPSSB70 HAMMOND-TPSSB70 Datasheet
72Kb / 1P
Base 70 Tara Plus
TPSSC HAMMOND-TPSSC Datasheet
98Kb / 1P
Raccord Tara Plus
TPSSEC HAMMOND-TPSSEC Datasheet
70Kb / 1P
Raccord coude Tara Plus
TPSSIJ HAMMOND-TPSSIJ Datasheet
78Kb / 1P
Joint intermediaire Tara Plus
TPSSSJ HAMMOND-TPSSSJ Datasheet
88Kb / 1P
Joint a rotule Tara Plus
TPSSTC HAMMOND-TPSSTC Datasheet
77Kb / 1P
Raccord basculant Tara Plus
TPSSVWJ HAMMOND-TPSSVWJ Datasheet
92Kb / 1P
Joint mural vertical Tara Plus
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com