Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1044-QL Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # XP1044-QL
Description  3W Power Amplifier Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1044-QL Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XP1044-QL Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
3W Power Amplifier Module
4.0-5.9 GHz
XP1044-QL
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V2
Electrical Specifications: 4.9-5.9 GHz (5.8 GHz Typ.) (Ambient Temperature T = 25°C)1
Parameter
Units
Min.
Typ.
Max.
Power Gain
dB
16.5
18.5
Linear Power (@ EVM=2.5%, OFDM, 802.16 PAR=9.17 dB)
dBm
26.0
Input Return Loss (S11)
dB
-10.0
Output IP3 @ 22 dBm/Tone
dBm
44
46.0
Noise Figure
dB
5
Output P1dB
dBm
32.5
34.0
Stage 1 Supply Current (Idd1)
mA
300
Stage 2 Supply Current (Idd2)
mA
600
Stage 1 Gate Voltage (Vg1)
V
-1.2
-0.85
-0.5
Stage 2 Gate Voltage (Vg2)
V
-1.2
-0.85
-0.5
Supply Voltage (Vd1 & Vd2)
V
8.0
(1)
Unless otherwise specified, the following specifications are guaranteed at room temperature in a M/A-COM Tech test fixture.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com