Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP41 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # TIP41
Description  Complementary Silicon Power Transistor 6A/40~100V/65W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

TIP41 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  TIP41 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd TIP41 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd TIP41 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd TIP41 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd TIP41 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Page 2 of 5
www.nellsemi.com
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
VBE(on)
VCE(sat)
PARAMETER
Forward current transfer ratio (DC current gain)
Collector to emitter saturation voltage (Note1)
V
Collector to emitter
voltage (Note 1)
sustaining
SYMBOL
VCEO(SUS)
hFE
Base to emitter voltage (Note1)
l = 30mA, I =0
C
B
V
= 4V
= 0.3A
CE
C
, I
MAX
1.5
2.0
l = 6A, V
= 4V
C
CE
CONDITIONS
30
l = 6A, l = 0.6A
C
B
MIN
V
= 4V, I = 3A
CE
C
15
75
Note 1. Pulsed : Pulse duration
≤ 300 µS, duty cycle ≤ 2.0%.
Note 2. f = |h | • f
T
fe
TEST
Note 3. For PNP type voltage and current are negative.
Off Characteristics
TIP41,TIP42
TIP
A,TIP
A
41
42
40
TIP
B,TIP
B
41
42
TIP
C,TIP
C
41
42
60
80
100
ICEO
Collector cutoff current
V
= 30V, I = 0
CE
B
V
= 60V, l = 0
CE
B
TIP
B,TIP
B
TIP
C,TIP
C
41
42
41
42
TIP
,TIP
TIP
A,TIP
A
41
42
41
42
0.7
1.0
mA
V
IEBO
Emitter cutoff current
V
= 5V, I = 0
EB
C
ICES
Collector cutoff current
V
= 40V, V
= 0
CE
EB
TIP
,TIP
41
42
TIP
A,TIP
A
41
42
TIP
B,TIP
B
41
42
TIP
C,TIP
C
41
42
V
= 60V, V
= 0
CE
EB
V
= 80V, V
= 0
CE
EB
V
= 100V, V
= 0
CE
EB
400
400
400
400
On Characteristics
µA
Dynamic Characteristics
Current gain - Bandwidth product (note 2)
Small signal current gain
MHz
hfe
fT
3.0
20
l = 0.5A, V
= 10V, f
= 1MHz
C
CE
test
l = 0.5A, V
= 10V, f = 1KHz
C
CE
TIP41 (NPN) Series
TIP42 (PNP) Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com