Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6S6SC Datasheet(PDF) 1 Page - Visual Communications Company

Part # 6S6SC
Description  Electrical Industry Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

6S6SC Datasheet(HTML) 1 Page - Visual Communications Company

  6S6SC Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Number
P art
Voltage
Operating
Watts
MS C P
L ife Hours
A verage
(inches )
M.O.L .
6T 4-1/2/120V
6T 4-1/2/130V
130
115-125
6.0
6.0
3.2
3.2
1,500
1,500
1.875
1.875
Initial
Des ign
B as e
C andelabra S crew
C andelabra S crew
10T 5/120V
120
10.0
3.2
2,000
2.125
C andelabra S crew
3S 6/120V
120
3.0
.95
3,000
1.875
C andelabra S crew
6S 6/6V
6
6.0
4.3
1,500
1.875
C andelabra S crew
6S 6DC /6V
6
6.0
4.3
1,500
1.812
6S 6/12V
12
6.0
4.3
1,500
1.875
C andelabra S crew
6S 6DC /12V
12
6.0
4.3
1,500
1.812
6S 6/24V
24
6.0
4.3
1,500
1.875
C andelabra S crew
6S 6DC /24V
24
6.0
4.3
1,500
1.812
6S 6/30V
30
6.0
4.0
1,500
1.875
C andelabra S crew
6S 6DC /30V
30
6.0
4.0
1,500
1.812
6S 6S C /40V
40
6.0
3.7
1,500
1.812
6S 6/48V
48
6.0
3.7
1,500
1.875
C andelabra S crew
6S 6/60V
60
6.0
3.7
1,500
1.875
C andelabra S crew
6S 6DC /75V
75
6.0
3.7
1,500
1.812
6S 6/120V
120
6.0
3.2
1,500
1.875
C andelabra S crew
6S 6N/120V
120
6.0
3.2
1,500
1.812
Intermediate S crew
6S 6S C /120V
120
6.0
3.2
1,500
1.812
6S 6DC /120V
120
6.0
3.2
1,500
1.812
6S 6/130V
130
6.0
3.2
1,500
1.875
C andelabra S crew
6S 6/135V
135
6.0
3.0
1,500
1.875
C andelabra S crew
6S 6/145V
145
6.0
3.0
1,500
1.875
C andelabra S crew
6S 6DC /145V
145
6.0
3.0
1,500
1.812
6S 6/155V
155
6.0
3.0
1,500
1.875
C andelabra S crew
6S 6S C /155V
155
6.0
3.0
1,500
1.812
6S 6DC /155V
155
6.0
3.0
1,500
1.812
10S 6DC /230V
230
10.0
4.8
1,500
1.812
MOL
MAX.
.588
10S 6DC /250V
230
10.0
4.8
1,500
1.812
Double C ontact B ayonet
Double C ontact B ayonet
Double C ontact B ayonet
Double C ontact B ayonet
S ingle C ontact B ayonet
Double C ontact B ayonet
S ingle C ontact B ayonet
Double C ontact B ayonet
Double C ontact B ayonet
Double C ontact B ayonet
S ingle C ontact B ayonet
Double C ontact B ayonet
Double C ontact B ayonet
T -4 1/2
T -5
S -6
MAX.
.618
MOL
MAX.
.750
MOL
Electrical Industry Lamps


Similar Description - 6S6SC

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
Industry Standard Package
logo
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
INDUSTRY STANDARDS
logo
Visual Communications C...
15T6 VCC-15T6 Datasheet
58Kb / 1P
Electrical Industry Lamps
logo
Lumileds Lighting Compa...
DS112 LUMILEDS-DS112 Datasheet
1Mb / 17P
Industry-leading solutions for light guide DRL, and signature lamps
PB112 LUMILEDS-PB112 Datasheet
1Mb / 2P
Industry-leading solutions for light guide DRL, and signature lamps
PB157 LUMILEDS-PB157 Datasheet
1Mb / 2P
Industry-leading solutions for low and high beam lamps
DS157 LUMILEDS-DS157 Datasheet
1Mb / 17P
Industry-leading solutions for low and high beam lamps
DS187 LUMILEDS-DS187 Datasheet
1Mb / 16P
Industry-leading solutions for light guide DRL, and signature lamps
PB187 LUMILEDS-PB187 Datasheet
1Mb / 2P
Industry-leading solutions for light guide DRL, and signature lamps
logo
Energizer
E95 ENERGIZER-E95 Datasheet
176Kb / 1P
Industry Standard Dimensions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com