Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2S010 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # M2S010
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S010 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button M2S010 Datasheet HTML 3Page - Microsemi Corporation M2S010 Datasheet HTML 4Page - Microsemi Corporation M2S010 Datasheet HTML 5Page - Microsemi Corporation M2S010 Datasheet HTML 6Page - Microsemi Corporation M2S010 Datasheet HTML 7Page - Microsemi Corporation M2S010 Datasheet HTML 8Page - Microsemi Corporation M2S010 Datasheet HTML 9Page - Microsemi Corporation M2S010 Datasheet HTML 10Page - Microsemi Corporation M2S010 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
www.microsemi.com/products/fpga-soc/fpga/igloo-e
• Ultra low power FPGAs
• Flash*Freeze technology for
lowest power consumption
• 1.2 V core and I/O voltage
• Instant-on
• AES-protected in-system
programming (ISP)
• User nonvolatile FlashROM
IGLOO/e
Notes:
1. AES is not available for Cortex-M1 IGLOO devices.
2. AGL060 in CS121 does not support the PLL.
3. Six chip (main) and twelve quadrant global networks are available for AGL060 devices and above.
4. The M1AGL250 device does not support this package.
5. Device/package support TBD.
IGLOO/e Devices
Notes:
1. The M1AGL250 device does not support QN132 or CS196 packages.
2. Each used differential pair reduces the number of single-ended I/Os available by two.
3. When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not used as a regular I/O, the number of single-ended user I/Os available is reduced by one.
4. Device/package support TBD.
5. FG256 and FG484 are footprint-compatible packages.
I/Os Per Package
IGLOO Devices
AGL030 AGL060 AGL125
AGL250
AGL400
AGL600
AGL1000
AGLE600
AGLE3000
ARM-Enabled
IGLOO Devices
M1AGL250
M1AGL600
M1AGL1000
M1AGLE3000
I/O Package
Single-
Ended
I/O
Single-
Ended
I/O
Single-
Ended
I/O
Single-
Ended
I/O2
Differen-
tial I/O
Pairs
Single-
Ended
I/O2
Differen-
tial I/O
Pairs
Single-
Ended
I/O2
Differen-
tial I/O
Pairs
Single-
Ended
I/O2
Differen-
tial I/O
Pairs
Single-
Ended
I/O2
Differen-
tial I/O
Pairs
Single-
Ended
I/O2
Differen-
tial I/O
Pairs
QN48
34
—
—
—
—
—
—
—
—
—
—
—
—
—
—
QN68
49
—
—
—
—
—
—
—
—
—
—
—
—
—
—
UC81
66
—
—
—
—
—
—
—
—
—
—
—
—
—
—
CS81
66
—
—
60
7
—
—
—
—
—
—
—
—
—
—
CS121
—
96
96
—
—
—
—
—
—
—
—
—
—
—
—
VQ100
77
71
71
68
13
—
—
—
—
—
—
—
—
—
—
QN132
81
80
84
871,4
191,4
—
—
—
—
—
—
—
—
—
—
CS196
—
—
133
1431
351
143
35
—
—
—
—
—
—
—
—
FG144
—
967
97
97
24
97
25
97
25
97
25
—
—
—
—
FG2565
—
—
—
—
—
178
38
177
43
177
44
165
79
—
—
CS281
—
—
—
—
—
—
—
215
53
215
53
—
—
—
—
FG4845
—
—
—
—
—
194
38
235
60
300
74
270
135
341
168
FG896
—
—
—
—
—
—
—
—
—
—
—
—
—
620
310
The ultra low power programmable solution
The IGLOO family of reprogrammable, full-featured flash FPGAs is designed to meet the demanding power, area and cost requirements of today’s portable
electronics. Based on nonvolatile flash technology, the 1.2 V to 1.5 V operating voltage family offers the industry’s lowest power consumption—as low as 5 µW.
The IGLOO family supports up to 3,000,000 system gates with up to 504 Kbits of true dual-port SRAM, up to 6 embedded PLLs and up to 620 user I/Os.
Low power applications that require 32-bit processing can use the ARM Cortex-M1 processor without license fee or royalties in M1 IGLOO devices. Developed
specifically for implementation in FPGAs, Cortex-M1 devices offer an optimal balance between performance and size to minimize power consumption.
IGLOO Devices
AGL030
AGL060
AGL125
AGL250
AGL400
AGL600
AGL1000
AGLE600
AGLE3000
ARM-Enabled IGLOO Devices2
M1AGL250
M1AGL600
M1AGL1000
M1AGLE3000
System Gates
30,000
60,000
125,000
250,000
400,000
600,000
1,000,000
600,000
3,000,000
Typical Equivalent Macrocells
256
512
1,024
2,048
—
—
—
—
—
VersaTiles (D-flip-flops)
768
1,536
3,072
6,144
9,216
13,824
24,576
13,824
75,264
Flash*Freeze Mode
(typical, µW)
5
10
16
24
32
36
53
49
137
RAM (1,024 bits)
—
18
36
36
54
108
144
108
504
RAM Blocks (4,608 bits)
—
4
8
8
12
24
32
24
112
FlashROM Kbits
(1,024 bits)
1
1
1
1
1
1
1
1
1
AES-Protected ISP1
—
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Integrated PLLs with CCC2
—
1
1
1
1
1
1
6
6
VersaNet Globals3
6
18
18
18
18
18
18
18
18
I/O Banks
2
2
2
4
4
4
4
8
8
Maximum User I/Os
81
96
133
143
194
235
300
270
620
Package Pins
UC
CS
QN
VQ
FG
UC81
CS81
QN48
QN68
QN132
VQ100
CS1213
QN132
VQ100
FG1446
CS196
QN132
VQ100
FG144
CS81
CS1964
QN1324,5
VQ100
FG144
CS196
FG144
FG256
FG484
CS281
FG144
FG256
FG484
CS281
FG144
FG256
FG484
FG256
FG484
FG484
FG896



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com