Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2S025 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # M2S025
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S025 Datasheet(HTML) 3 Page - Microsemi Corporation

  M2S025 Datasheet HTML 1Page - Microsemi Corporation M2S025 Datasheet HTML 2Page - Microsemi Corporation M2S025 Datasheet HTML 3Page - Microsemi Corporation M2S025 Datasheet HTML 4Page - Microsemi Corporation M2S025 Datasheet HTML 5Page - Microsemi Corporation M2S025 Datasheet HTML 6Page - Microsemi Corporation M2S025 Datasheet HTML 7Page - Microsemi Corporation M2S025 Datasheet HTML 8Page - Microsemi Corporation M2S025 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
www.microsemi.com/fpga-soc
Whether you’re designing at the board or system level,
Microsemi’s SoC FPGAs and low power FPGAs are your best choice.
The unique, flash-based technology of Microsemi FPGAs, coupled with their history of reliability, sets them apart from traditional FPGAs.
Design for today’s rapidly growing markets of consumer and portable medical devices, or tomorrow’s environmentally friendly data
centers, industrial controls and military and commercial aircraft. Only Microsemi can meet the power, size, cost and reliability targets
that reduce time-to-market and enable long-term profitability.
Now, more than ever,
power matters.
Table of Contents
SmartFusion®2
• SoC FPGA with 166 MHz ARM® Cortex™-M3,
150 K logic elements
• SERDEs, DDR, DSP processing, embedded
NVM and SRAM
4
IGLOO®2
• Best-in-class integration, low power, reliability
and security
5
SmartFusion
• SoC FPGA with 100 MHz ARM Cortex-M3,
500 K system gates, analog processing
6
IGLOO/e
• Lowest power FPGA with up to 3 M system gates
7
IGLOO nano
• Lowest power FPGA with smallest package footprint
8
IGLOO PLUS
• Lowest power FPGA with high I/O-to-logic ratio
9
ProASIC®3/E
• Low power, high performance FPGA with up to
3 M system gates
10
ProASIC3 nano
• Low power, high performance FPGA with smallest pack-
age footprint
11
ProASIC3L
• Low power, high performance FPGA with Flash*Freeze
12
Fusion
• Mixed signal FPGA
13
Military SmartFusion, Fusion
and ProASIC3/EL
• Mixed signal integration down to –55ºC
• Reprogrammable digital logic, configurable analog,
embedded flash memory
• Unprecedented low power consumption across the
full military temperature range
• High-density fine-pitch ball grid packaging
• High Performance And Easy In-System Programming
14
Military ProASICPLUS®
• Industry’s first military screened flash FPGA
• Full processing to MIL-STD-883 Class B
• Established heritage on commercial and military aircraft
15
IGLOO and ProASIC Family
I/O Selector
• I/O counts
16
FPGA Packages
• Package dimensions
18
Design Tools
• Design software for Microsemi FPGAs and SoC FPGAs
20
Development Kits
• Starter, evaluation and development kits
21
Programmers
• FlashPro3 and Silicon Sculptor 3 programmers
25
Intellectual Property Cores
• Microsemi Intellectual Property (IP) products designed
and optimized for use with Microsemi FPGAs
26
Please refer to www.microsemi.com/fpga-soc and appropriate product datasheets for the latest device information, valid ordering codes and more
information regarding previous generations of flash FPGAs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com