Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2S050 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # M2S050
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S050 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button M2S050 Datasheet HTML 9Page - Microsemi Corporation M2S050 Datasheet HTML 10Page - Microsemi Corporation M2S050 Datasheet HTML 11Page - Microsemi Corporation M2S050 Datasheet HTML 12Page - Microsemi Corporation M2S050 Datasheet HTML 13Page - Microsemi Corporation M2S050 Datasheet HTML 14Page - Microsemi Corporation M2S050 Datasheet HTML 15Page - Microsemi Corporation M2S050 Datasheet HTML 16Page - Microsemi Corporation M2S050 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
www.microsemi.com/products/fpga-soc/fpga/fusion
• Integrated A/D converter (ADC)
with 8-, 10- and 12-bit
resolution and 30 scalable
analog input channels
• ADC accuracy better than
1 percent
• On-chip voltage, current and
temperature monitors
• In-system configurable
analog supports a wide
variety of applications
• Up to 1 MB of user flash memory
• Extensive clocking resources
• Analog PLLs
• 1 percent RC oscillator
• Crystal oscillator circuit
• Real-time counter (RTC)
• Instant-on
• Configuration memory error
immune
• Advanced I/O standards
• User nonvolatile FlashROM
Notes:
1. Refer to the Cortex-M1 product brief for more information.
2. Pigeon Point devices only offered in FG484 and FG256 packages.
3. MicroBlade devices only offered in FG256 package.
Notes:
1. Pigeon Point devices only offered in FG484 and FG256 packages.
2. MicroBlade devices only offered in FG256 package.
3. Fusion devices in the same package are pin compatible with the exception of the PQ208 package (AFS250 and AFS600).
Fusion
Package I/Os: Single-/Double-Ended (Analog)
Fusion Devices
AFS090
AFS250
AFS600
AFS1500
ARM Cortex-M1 Devices
M1AFS250
M1AFS600
M1AFS1500
Pigeon Point Devices
P1AFS6001
P1AFS15001
MicroBlade Devices
U1AFS2502
U1AFS6002
U1AFS5002
QN108
37/9 (16)
—
—
—
QN180
60/16 (20)
65/15 (24)
—
—
PQ2083
—
93/26 (24)
95/46 (40)
—
FG256
75/22 (20)
114/37 (24)
119/58 (40)
119/58 (40)
FG484
—
—
172/86 (40)
223/109 (40)
FG676
—
—
—
252/126 (40)
Fusion Devices
The world’s first mixed signal FPGA
Fusion FPGAs integrate configurable analog, large flash memory blocks, comprehensive clock generation and management circuitry and high-performance,
flash-based programmable logic in a monolithic device. The Fusion architecture can be used with soft microcontroller cores, such as the performance-optimized
ARM Cortex-M1, 8051s or Microsemi’s own CoreABC, the smallest soft microcontroller for FPGAs.
Fusion Devices
AFS090
AFS250
AFS600
AFS1500
ARM Cortex-M11 Devices
M1AFS250
M1AFS600
M1AFS1500
Pigeon Point Devices
P1AFS6002
P1AFS15002
MicroBlade Devices
U1AFS250
U1AFS6003
U1AFS500
General
Information
System Gates
90,000
250,000
600,000
1,500,000
Tiles (D–flip–flops)
2,304
6,144
13,824
38,400
AES-protected ISP
Yes
Yes
Yes
Yes
PLLs
1
1
2
2
Globals
18
18
18
18
Memory
Flash Memory Blocks (2 Mbits)
1
1
2
4
Total Flash Memory Bits
2,000,000
2,000,000
4,000,000
8,000,000
FlashROM Bits
1,024
1,024
1,024
1,024
RAM Blocks (4,608 bits)
6
8
24
60
RAM (Kbits)
27
36
108
270
Analog and I/Os
Analog Quads
5
6
10
10
Analog Input Channels
15
18
30
30
Gate Driver Outputs
5
6
10
10
I/O Banks (+ JTAG)
4
4
5
5
Maximum Digital I/Os
75
114
172
252
Analog I/Os
20
24
40
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com