Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11RSB0 Datasheet(PDF) 88 Page - Microsemi Corporation

Part # IO11RSB0
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11RSB0 Datasheet(HTML) 88 Page - Microsemi Corporation

Back Button IO11RSB0 Datasheet HTML 84Page - Microsemi Corporation IO11RSB0 Datasheet HTML 85Page - Microsemi Corporation IO11RSB0 Datasheet HTML 86Page - Microsemi Corporation IO11RSB0 Datasheet HTML 87Page - Microsemi Corporation IO11RSB0 Datasheet HTML 88Page - Microsemi Corporation IO11RSB0 Datasheet HTML 89Page - Microsemi Corporation IO11RSB0 Datasheet HTML 90Page - Microsemi Corporation IO11RSB0 Datasheet HTML 91Page - Microsemi Corporation IO11RSB0 Datasheet HTML 92Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 83
Timing Characteristics
Figure 2-26 • Timing Model and Waveforms
PRE
CLR
Out
CLK
Data
EN
tSUE
50%
50%
tSUD
tHD
50%
50%
tCLKQ
0
tHE
tRECPRE
tREMPRE
tRECCLR
tREMCLR
tWCLR
tWPRE
tPRE2Q
tCLR2Q
tCKMPWH tCKMPWL
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Table 2-106 • Register Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tCLKQ
Clock-to-Q of the Core Register
0.55
0.63
0.74
ns
tSUD
Data Setup Time for the Core Register
0.43
0.49
0.57
ns
tHD
Data Hold Time for the Core Register
0.00
0.00
0.00
ns
tSUE
Enable Setup Time for the Core Register
0.45
0.52
0.61
ns
tHE
Enable Hold Time for the Core Register
0.00
0.00
0.00
ns
tCLR2Q
Asynchronous Clear-to-Q of the Core Register
0.40
0.45
0.53
ns
tPRE2Q
Asynchronous Preset-to-Q of the Core Register
0.40
0.45
0.53
ns
tREMCLR
Asynchronous Clear Removal Time for the Core Register
0.00
0.00
0.00
ns
tRECCLR
Asynchronous Clear Recovery Time for the Core Register
0.22
0.25
0.30
ns
tREMPRE
Asynchronous Preset Removal Time for the Core Register
0.00
0.00
0.00
ns
tRECPRE
Asynchronous Preset Recovery Time for the Core Register
0.22
0.25
0.30
ns
tWCLR
Asynchronous Clear Minimum Pulse Width for the Core Register
0.22
0.25
0.30
ns
tWPRE
Asynchronous Preset Minimum Pulse Width for the Core Register
0.22
0.25
0.30
ns
tCKMPWH
Clock Minimum Pulse Width High for the Core Register
0.32
0.37
0.43
ns
tCKMPWL
Clock Minimum Pulse Width Low for the Core Register
0.36
0.41
0.48
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com