Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11RSB0 Datasheet(PDF) 101 Page - Microsemi Corporation

Part # IO11RSB0
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11RSB0 Datasheet(HTML) 101 Page - Microsemi Corporation

Back Button IO11RSB0 Datasheet HTML 97Page - Microsemi Corporation IO11RSB0 Datasheet HTML 98Page - Microsemi Corporation IO11RSB0 Datasheet HTML 99Page - Microsemi Corporation IO11RSB0 Datasheet HTML 100Page - Microsemi Corporation IO11RSB0 Datasheet HTML 101Page - Microsemi Corporation IO11RSB0 Datasheet HTML 102Page - Microsemi Corporation IO11RSB0 Datasheet HTML 103Page - Microsemi Corporation IO11RSB0 Datasheet HTML 104Page - Microsemi Corporation IO11RSB0 Datasheet HTML 105Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 96
Table 2-117 • RAM512X18
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std. Units
tAS
Address setup time
0.25 0.28 0.33
ns
tAH
Address hold time
0.00 0.00 0.00
ns
tENS
REN, WEN setup time
0.13 0.15 0.17
ns
tENH
REN, WEN hold time
0.10 0.11 0.13
ns
tDS
Input data (WD) setup time
0.18 0.21 0.25
ns
tDH
Input data (WD) hold time
0.00 0.00 0.00
ns
tCKQ1
Clock High to new data valid on RD (output retained)
2.16 2.46 2.89
ns
tCKQ2
Clock High to new data valid on RD (pipelined)
0.90 1.02 1.20
ns
tC2CRWH
1
Address collision clk-to-clk delay for reliable read access after write on same
address—Applicable to Opening Edge
0.50 0.43 0.38
ns
tC2CWRH
1
Address collision clk-to-clk delay for reliable write access after read on same
address—Applicable to Opening Edge
0.59 0.50 0.44
ns
tRSTBQ
RESET Low to data out Low on RD (flow-through)
0.92 1.05 1.23
ns
RESET Low to data out Low on RD (pipelined)
0.92 1.05 1.23
ns
tREMRSTB
RESET removal
0.29 0.33 0.38
ns
tRECRSTB
RESET recovery
1.50 1.71 2.01
ns
tMPWRSTB
RESET minimum pulse width
0.21 0.24 0.29
ns
tCYC
Clock cycle time
3.23 3.68 4.32
ns
FMAX
Maximum frequency
310
272
231
MHz
Notes:
1. For more information, refer to the application note Simultaneous Read-Write Operations in Dual-Port SRAM for Flash-
Based cSoCs and FPGAs.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com