Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-W60L Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W60L
Description  High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W60L Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-W60L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
These optocouplers are suitable for high speed logic
interfacing, input/output buffering, as line receivers in
environments that conventional line receivers cannot
tolerate and are recommended for use in extremely high
ground or induced noise environments.
Schematic Diagrams
SHIELD
6
5
4
1+
3
VF
USE OF A 0.1 µF BYPASS CAPACITOR CONNECTED
–
IF
ICC
VCC
VO
GND
IO
ACPL-W60L
BETWEEN PINS 5 AND 8 IS RECOMMENDED (SEE NOTE 5).
SHIELD
8
7
+
2
VF1
–
IF1
ICC
VCC
VO1
IO1
1
SHIELD
6
5
–
4
VF2
+
IF2
VO2
GND
IO2
3
ACPL-K63L
Ordering Information
ACPL-W60L/-K63L is UL Recognized with 5000 Vrms for 1 minute per UL1577 and is approved under CSA Component
Acceptance Notice #5, File CA 88324.
Option
Part
RoHS
Surface
Tape &
UL 5000 Vrms/
IEC/EN/DIN
Number
Compliant
Package
Mount
Reel
1 Minute rating
EN 60747-5-5
Quantity
-000E
Stretched
X
X
100 per tube
ACPL-W60L
-500E
SO-6
X
X
X
1000 per reel
-560E
X
X
X
X
1000 per reel
-000E
Stretched
X
X
80 per tube
ACPL-K63L
-500E
SO-8
X
X
X
1000 per reel
-560E
X
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-W60L-560E to order product of Stretched SO-6 Surface Mount package in Tape and Reel packaging with
IEC/EN/DIN EN 60747-5-5 Safety Approval in RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
These optocouplers are available in stretched SO-6 and
SO-8 package. The part numbers are as follows:
Part number
Package
ACPL-W60L
Stretched SO-6
ACPL-K63L
Stretched SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com