Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13NDB0V0 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # IO13NDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13NDB0V0 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button IO13NDB0V0 Datasheet HTML 2Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 3Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 4Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 5Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 6Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 7Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 8Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 9Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
V I
R evis i o n 12
Product Ordering Codes
Temperature Grade Offerings
Note:
*Most devices in the SmartFusion cSoC family can be ordered with the Y suffix. Devices with a package size greater or equal to
5x5 mm are supported. Contact your local Microsemi SoC Products Group sales representative for more information.
SmartFusion cSoC
A2F060
A2F200
A2F500
TQ144
C, I
–
–
PQ208
–
C, I
C, I
CS288
C, I
C, I
C, I
FG256
C, I
C, I
C, I
FG484
–
C, I
C, I
Notes:
1. C = Commercial Temperature Range: 0°C to 85°C Junction
2. I = Industrial Temperature Range: –40°C to 100°C Junction
A2F200
FG
_
Part Number
SmartFusion Devices
Speed Grade
–1 = 100 MHz MSS Speed; FPGA Fabric 15% Faster than Standard
= 80 MHz MSS Speed; FPGA Fabric at Standard Speed
CPU Type
M3
M3 = Cortex-M3
Package Type
484
I
G
Package Lead Count
256
208
288
484
Application (junction temperature range)
Y
Security Feature*
Y = Device Includes License to Implement IP Based on the
Cryptography Research, Inc. (CRI) Patent Portfolio
Blank = Commercial (0 to +85°C)
I = Industrial (–40 to +100°C)
ES = Engineering Silicon (room temperature only)
200,000 System Gates
A2F200 =
60,000 System Gates
A2F060 =
500,000 System Gates
A2F500 =
PQ = Plastic Quad Flat Pack (0.5 mm pitch)
TQ = Thin Quad Flat Pack (0.5 mm pitch)
FG = Fine Pitch Ball Grid Array (1.0 mm pitch)
CS = Chip Scale Package (0.5 mm pitch)
F
eNVM Size
A = 8 Kbytes
B = 16 Kbytes
C = 32 Kbytes
D = 64 Kbytes
E = 128 Kbytes
F = 256 Kbytes
G = 512 Kbytes
Lead-Free Packaging Options
G = RoHS-Compliant (green) Packaging
Blank = Standard Packaging
1
Blank
Currently only the following eNVM sizes are available
per device:
A2F500M3 – G
A2F200M3 – F
A2F060M3 – E
Blank = Device Does Not Include License to Implement IP Based
on the Cryptography Research, Inc. (CRI) Patent Portfolio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com