Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7643 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7643
Description  16-Bit, 6 MSPS, PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7643 Datasheet(HTML) 4 Page - Analog Devices

  AD7643 Datasheet HTML 1Page - Analog Devices AD7643 Datasheet HTML 2Page - Analog Devices AD7643 Datasheet HTML 3Page - Analog Devices AD7643 Datasheet HTML 4Page - Analog Devices AD7643 Datasheet HTML 5Page - Analog Devices AD7643 Datasheet HTML 6Page - Analog Devices AD7643 Datasheet HTML 7Page - Analog Devices AD7643 Datasheet HTML 8Page - Analog Devices AD7643 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7625
Data Sheet
Rev. A | Page 4 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LVDS I/O (ANSI-644)
Data Format
Serial LVDS twos complement
Differential Output Voltage, V
OD
R
L = 100 Ω
200
350
454
mV
Common-Mode Output Voltage, V
OCM
2
R
L = 100 Ω
850
1250
1375
mV
Differential Input Voltage, V
ID
100
650
mV
Common-Mode Input Voltage, V
ICM
800
1575
mV
POWER SUPPLIES
Specified Performance
VDD1
4.75
5
5.25
V
VDD2
2.37
2.5
2.63
V
VIO
2.37
2.5
2.63
V
Operating Currents
Static—Not Converting
VDD1
4.5
7.8
mA
VDD2
17
22.7
mA
VIO
Self-clocked mode and echoed-
clock mode
11
13
mA
With Internal Reference
6 MSPS throughput
VDD1
11
15.4
mA
VDD2
21.5
28.3
mA
VIO
Self-clocked mode and echoed-
clock mode
13.5
16
mA
Without Internal Reference
6 MSPS throughput
VDD1
9
12.1
mA
VDD2
21
26
mA
VIO
Self-clocked mode and echoed-
clock mode
13.5
16
mA
Power Dissipation3
Static—Not Converting
95
130
mW
With Internal Reference
6 MSPS throughput
145
190
mW
Without Internal Reference
6 MSPS throughput
135
165
mW
Energy per Conversion
6 MSPS throughput
22
nJ/sample
TEMPERATURE RANGE
Specified Performance
T
MIN to TMAX
−40
+85
°C
1 Using an external reference.
2 The ANSI-644 LVDS specification has a minimum output common mode (V
OCM) of 1125 mV.
3 Power dissipation is for the AD7625 device only. In self-clocked interface mode, 9 mW is dissipated in the 100 Ω terminator. In echoed-clock interface mode, 18 mW is
dissipated in two 100 Ω terminators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com