Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP130 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP130
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP130 Datasheet HTML 1Page - Diodes Incorporated AP130 Datasheet HTML 2Page - Diodes Incorporated AP130 Datasheet HTML 3Page - Diodes Incorporated AP130 Datasheet HTML 4Page - Diodes Incorporated AP130 Datasheet HTML 5Page - Diodes Incorporated AP130 Datasheet HTML 6Page - Diodes Incorporated AP130 Datasheet HTML 7Page - Diodes Incorporated AP130 Datasheet HTML 8Page - Diodes Incorporated AP130 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130
Document number: DS31027 Rev. 8 - 2
2 of 11
www.diodes.com
December 2011
© Diodes Incorporated
Pin Assignments
Package
No.
Pin Name
Description
Type
Code
(Top View)
3
2
1
(SC59)
W
1
IN
IN: Power Input
OUT: Output Voltage
GND: Ground
2
OUT
3
GND
(Top View)
3
2
1
(SC59R)
R
1
GND
2
OUT
3
IN
(Top View)
3
2
1
(SOT23)
SA
1
IN
2
OUT
3
GND
(Top View)
3
2
1
(SOT89-3L)
Y
1
OUT
2
GND
3
IN
(Top View)
3
2
1
(SOT89R-3L)
YR
1
GND
2
IN
3
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com