Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2181 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP2181
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2181 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP2181 Datasheet HTML 9Page - Diodes Incorporated AP2181 Datasheet HTML 10Page - Diodes Incorporated AP2181 Datasheet HTML 11Page - Diodes Incorporated AP2181 Datasheet HTML 12Page - Diodes Incorporated AP2181 Datasheet HTML 13Page - Diodes Incorporated AP2181 Datasheet HTML 14Page - Diodes Incorporated AP2181 Datasheet HTML 15Page - Diodes Incorporated AP2181 Datasheet HTML 16Page - Diodes Incorporated AP2181 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AP2181/ AP2191
Document number: DS31563 Rev. 7 - 2
14 of 17
www.diodes.com
March 2013
© Diodes Incorporated
AP2181/ AP2191
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
(3)
Package Type: SOT25
(4)
Package Type: U-DFN2018-6
SOT25
Dim
Min
Max
Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D

 0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
N
0.70
0.80 0.75

0°
8°

All Dimensions in mm
U-DFN2018-6
Dim
Min
Max
Typ
A
0.545 0.605 0.575
A1
0
0.05
0.02
A3


0.13
b
0.15
0.25
0.20
D
1.750 1.875 1.80
D2
1.30
1.50
1.40
e


0.50
E
1.95 2.075 2.00
E2
0.90
1.10
1.00
L
0.20
0.30
0.25
z
0.30
All Dimensions in mm
A
M
J
L
D
B C
H
K
N
SEATING PLANE
E
E2
L
A
D
D2
A3
A1
e
b
Pin#1 ID
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com