Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIN-HIPAX-SERIES Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # PIN-HIPAX-SERIES
Description  High Power PIN Diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PIN-HIPAX-SERIES Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  PIN-HIPAX-SERIES Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High Power PIN Diodes
V14
MA4P MELF & HIPAX™Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Features
♦ High Power Handling
♦ Low Loss / Low Distortion
♦ Voltage Ratings up to 1000 Volts
♦ Passivated Chip for Low Leakage Current
♦ Low Theta (θ) Due to Full Face Chip Bonding
♦ Leadless Low Inductance MELF Packages
♦ Various Package Options
♦ Available as Chips
♦ Fully RoHS Compliant
♦ Non-Magnetic Packages Available for MRI
Description
M/A-COM Technology Solutions MELF and HIPAX
PIN diode series are designed for usage in switch
and attenuator applications requiring high power
handling and low distortion. The MELF and HIPAX
PIN diodes incorporate a fully passivated PIN diode
chip resulting in an extremely low reverse bias
leakage current. The semiconductor technology
utilized in the MELF and HIPAX families draws on
M/A-COM Tech’s substantial experience in PIN
diode design and wafer fabrication. The result is a
device which has a thick I-region and long carrier
lifetime while maintaining low series resistance and
capacitance values. The chips of the MELF and
HIPAX PIN diodes are enclosed in a rugged
ceramic package and is full face bonded to metal
pins on both the anode and cathode. The result is a
low loss PIN diode with low thermal resistance due
to symmetrical thermal paths. The parts are offered
in either magnetic or non-magnetic, HIPAX (axial
leaded) or Metal Electrode Leadless Faced (MELF)
surface mount packages for MRI applications. The
MELF is a rectangular SMQ, package which is
designed for high volume tape and reel assembly.
This easy to use package design makes automatic
pick and place, indexing and assembly, extremely
easy. The parallel flat surfaces are suitable for most
key jaw or vacuum pick-up techniques. All of the
solderable surfaces are tin plated and compatible
with industry standard reflow and vapor phase
soldering processes. See page 7 of Application
Note M538 on the M/A-COM Technology Solutions
website for a typical solder reflow profile.
Absolute Maximum Ratings
TAMB = +25°C (Unless Otherwise Noted) 1
1.Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
D.C. Reverse Voltage (VR)
(See Tables)
Operating Chip Junction
Temperature
-55°C to +175°C
Storage Temperature
-55°C to +200°C
Installation Temperature
+280°C for 30 Seconds
ESD
Class 1A, HBM
Package Styles
Applications
HIPAX PIN diodes are designed for use in a wide
variety of switch and attenuator applications from HF
through UHF frequencies and at power levels above
1kW, CW. The internal chip as well as each diode
assembly has been comprehensively tested and
characterized to ensure predictable and repeatable
performance.
Design Recommendations
♦Low Distortion Attenuators
•MA4P4301B
♦Surface Mount Switches
•MA4P7101F
♦Cellular Radio Antenna Switches
• MA4P1200, MA4P1250
1072 & 1091
Notes
401 & 402


Similar Part No. - PIN-HIPAX-SERIES

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PIN-HIPAX-SERIES MA-COM-PIN-HIPAX-SERIES Datasheet
1Mb / 12P
High Power PIN Diodes
PIN-HIPAX-SERIES MA-COM-PIN-HIPAX-SERIES_15 Datasheet
1Mb / 12P
High Power PIN Diodes
More results

Similar Description - PIN-HIPAX-SERIES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM4000 MICROSEMI-UM4000_05 Datasheet
931Kb / 12P
HIGH POWER PIN DIODES
UM7000 MICROSEMI-UM7000_05 Datasheet
310Kb / 11P
HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
MA4P1200-401T MA-COM-MA4P1200-401T Datasheet
1Mb / 12P
High Power PIN Diodes
logo
Microsemi Corporation
UM4000 MICROSEMI-UM4000_09 Datasheet
505Kb / 6P
HIGH POWER PIN DIODES
UM7000 MICROSEMI-UM7000_09 Datasheet
335Kb / 7P
HIGH POWER PIN DIODES
logo
Skyworks Solutions Inc.
SMP1324-087LF SKYWORKS-SMP1324-087LF Datasheet
1Mb / 12P
High Power PIN Diodes
logo
List of Unclassifed Man...
MA4P7006F-1072T ETC-MA4P7006F-1072T Datasheet
1Mb / 12P
High Power PIN Diodes
logo
Microsemi Corporation
UM7204B MICROSEMI-UM7204B Datasheet
322Kb / 7P
HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
PIN-HIPAX-SERIES MA-COM-PIN-HIPAX-SERIES_15 Datasheet
1Mb / 12P
High Power PIN Diodes
MA4P MA-COM-MA4P Datasheet
2Mb / 13P
High Power PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com