Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2005CTRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IP2005CTRPBF
Description  Synchronous Buck Optimized LGA Power Block
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005CTRPBF Datasheet(HTML) 2 Page - International Rectifier

  IP2005CTRPBF Datasheet HTML 1Page - International Rectifier IP2005CTRPBF Datasheet HTML 2Page - International Rectifier IP2005CTRPBF Datasheet HTML 3Page - International Rectifier IP2005CTRPBF Datasheet HTML 4Page - International Rectifier IP2005CTRPBF Datasheet HTML 5Page - International Rectifier IP2005CTRPBF Datasheet HTML 6Page - International Rectifier IP2005CTRPBF Datasheet HTML 7Page - International Rectifier IP2005CTRPBF Datasheet HTML 8Page - International Rectifier IP2005CTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.irf.com
04/09/2009
2
iP2005CPbF
PD-60360
Absolute Maximum Ratings
VIN to PGND ……………………..……...-0.5V to 16.5V
VDD to PGND …………………….….…..-0.5V to 7.5V
PWM to PGND ………………….………-0.5V to VDD + 0.5V (Note 1)
ENABLE to PGND …………………….. -0.5V to VDD + 0.5V (Note 1)
Storage Temperature …………………. -60ºC to 150ºC
Block Temperature….. …………………. -40ºC to 135ºC (Note 2)
ESD Rating……………………………... JEDEC, JESD22-A114 (HBM[4KV], Class 3A)
……………………………... JEDEC, JESD22-A115 (MM[400V], Class C)
MSL Rating……………………………… 3
Reflow Temperature …..………………..260ºC Peak
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress only rating and operation of the device at these or any other
conditions above those listed in the operational sections of this specification is not implied.
Recommended Operation Conditions
PARAMETER
Min
Typ
Max
Units
Conditions
Supply Voltage (VDD)
4.5
-
7.0
V
Input Voltage (VIN)
2.5
-
13.2
V
Output Voltage (VOUT)
-
-
5.5
V
Output Current (IOUT)
-
-
40
A
Switching Frequency (FSW)
250
-
1500
kHz
On Time Duty Cycle
-
-
85
%
Minimum On Time
50
-
-
ns
Block Temperature
-40
-
125
ºC
Electrical Specifications
These specifications apply for TBLK = 0ºC to 125ºC and VDD = 5.0V, unless otherwise specified.
PARAMETER
Min
Typ
Max
Units
Conditions
PLOSS
Power Block Losses
-
7.8
9.4
W
VIN = 12V, VDD = 5.0V, VOUT =
1.3V, IOUT = 40A, FSW = 1MHz,
LOUT = 0.3uH, TBLK = 25ºC
VIN
Leakage Current
-
-
0.5
mA
VIN = 12V, ENABLE = 0V
VSW
Leakage Current
-30
-
-
µA
Iout=0, current pulled from VSW
until VSW=0
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com