Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4091 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N4091
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N4091 Datasheet(HTML) 1 Page - InterFET Corporation

  2N4091 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8/2014
2N4091, 2N4092, 2N4093
N-Channel Silicon Junction Field-Effect Transistor
∙ Low r
DS(on)
∙ I
D(off) < 100 pA
∙ Fast Switching
Absolute maximum ratings at TA = 25
oC
Reverse Gate Source & Gate Drain Voltage
-40V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
300 mW
Power Derating
1.7 mW/
oC
Storage Temperature Range
-65
oC to +150oC
At 25
oC free air temperature
2N4091
2N4092
2N4093
Process NJ132
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown
Voltage
V(BR)GSS
-40
-40
-40
V
IG = -1 uA, VDS = 0 V
Gate Reverse Current
IGSS
200
200
200
pA
VGS = -10 V, VDS = 0 V
Gate Source Cutoff Voltage
VGS(OFF)
-5
-10
-2
-7
-1
-5
V
VDS = 10 V, VGS = 0 V
Drain Saturation Current
(pulsed)
IDSS
30
15
5
mA
VDS = 10 V, VGS = 0 V
Dynamic Electrical Characteristics
Drain -Source On Resistance
rds(on)
30
50
80
Ω
VGS = 0 V, ID = 0 V
f = 1
kHz
Common-Source Input
Capacitance
Ciss
16
16
16
pF
VDS = -10 V, VGS = 1 V
f = 1
MHz
Common-Source Reverse
Transfer Capacitance
Crss
5
5
5
pF
VDS = 10 V, ID = 5 mA
f = 1
MHz
Turn-On Delay Time
td
15
15
20
nS
VDD = 10 V, VGS(on) = 0V
Rise Time
tr
10
20
40
nS
VDD = 10 V, VGS(on) = 0V
Turn-Off Time
toff
40
60
80
nS
VDD = 10 V, VGS(on) = 0V
www.interfet.com
715 N. Glenville Dr., Ste. 400
Richardson, TX 75089
(972) 238-9700 Fax (972) 238-5338
SMP4091, SMP4092,
SMP4093


Similar Part No. - 2N4091

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
logo
List of Unclassifed Man...
2N4091 ETC1-2N4091 Datasheet
43Kb / 1P
N-Channel JFETs
logo
Intersil Corporation
2N4091 INTERSIL-2N4091 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Microsemi Corporation
2N4091 MICROSEMI-2N4091 Datasheet
48Kb / 2P
N-CHANNEL J-FET
logo
New Jersey Semi-Conduct...
2N4091 NJSEMI-2N4091 Datasheet
139Kb / 1P
N-CHANNEL JFETS
More results

Similar Description - 2N4091

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com