Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP48P05T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP48P05T
Description  TrenchP Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP48P05T Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP48P05T Datasheet HTML 1Page - IXYS Corporation IXTP48P05T Datasheet HTML 2Page - IXYS Corporation IXTP48P05T Datasheet HTML 3Page - IXYS Corporation IXTP48P05T Datasheet HTML 4Page - IXYS Corporation IXTP48P05T Datasheet HTML 5Page - IXYS Corporation IXTP48P05T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXTY48P05T IXTA48P05T
IXTP48P05T
Fig. 14. Resistive Turn-on Rise Time vs.
Drain Current
13.0
13.5
14.0
14.5
15.0
15.5
16.0
-48
-46
-44
-42
-40
-38
-36
-34
-32
-30
-28
-26
-24
ID - Amperes
RG = 3Ω, VGS = -10V
VDS = - 30V
TJ = 25ºC
TJ = 125ºC
Fig. 15. Resistive Turn-on Switching Times vs.
Gate Resistance
8
10
12
14
16
18
20
22
24
26
34
5678
9
10
11
12
13
14
15
RG - Ohms
18
19
20
21
22
23
24
25
26
27
t r
td(on) - - - -
TJ = 125ºC, VGS = -10V
VDS = - 30V
I D = - 24A, - 48A
Fig. 16. Resistive Turn-off Switching Times vs.
Junction Temperature
11
12
13
14
15
16
17
18
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
24
26
28
30
32
34
36
38
t f
td(off) - - - -
RG = 3Ω, VGS = -10V
VDS = - 30V
I D = - 48A, - 24A
Fig. 17. Resistive Turn-off Switching Times vs.
Drain Current
23
26
29
32
35
38
41
-48
-46
-44
-42
-40
-38
-36
-34
-32
-30
-28
-26
-24
ID - Amperes
11
12
13
14
15
16
17
t f
td(off) - - - -
RG = 3Ω, VGS = -10V
VDS = - 30V
TJ = 25ºC, 125ºC
Fig. 13. Resistive Turn-on Rise Time vs.
Junction Temperature
13.5
14.0
14.5
15.0
15.5
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 3Ω, VGS = -10V
VDS = - 30V
I D = - 24A
I D = - 48A
Fig. 18. Resistive Turn-off Switching Times vs.
Gate Resistance
5
10
15
20
25
30
35
3
4
5
6
7
8
9
10
11
12
13
14
15
RG - Ohms
10
20
30
40
50
60
70
t f
td(off) - - - -
TJ = 125ºC, VGS = -10V
VDS = - 30V
I D = - 24A
I D = - 48A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com