Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFF2000 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PFF2000
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PFF2000 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PFF2000 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REAR VIEW OF ASSEMBLY
BOTTOM VIEW OF ASSEMBLY
SIDE VIEW OF ASSEMBLY
FRONT VIEW OF ASSEMBLY
Bla ck
XPFA120BK
Be ige - RAL7032
XPFA120CG
Gra y - ANS I 61
XPFA120GY
Light Gra y - RAL7035
XPFA120LG
Sta nda rd Filte r Me dia (Pkg of 5)
PFF2000
Ple a te d Filte r Me dia (Pkg of 5)
PLFF2000
PART NUMBERS
XPFA120 Filte r Fa n Grill
Acce ssories
NOTE
Purchased assembly includes snap-together Cover and Base (FRABS
UL94-V0), foam EV A gasket, stainless steel mounting hardware, filter
media and installation template.
XPFA120
BASE
FILTER MEDIA
COVER
150.00 mm
[5.906 in]
150.00 mm
[5.906 in]
n16.00 mm
[.630 in]
105.00 mm
[4.134 in]
105.00 mm
[4.134 in]
n6.00 mm
[.236 in]
PRE-INSTALLED
FOAM GASKET
2.30 mm
[.091 in]
GASKET THICKNESS
24.00 mm
[.945 in]
OPTION #1
#10-32 X 5/8" TRILOBE
SCREW (FOR FAN)
(4pcs supplied)
OPTION #2
8-32 X 2 IN MS PAN PHIL STEEL
(4pcs supplied)
120mm GASKET
10 TINNERMAN'S NUT
(4pcs supplied)
CUT-OUT PER TEMPLATE
#8 EXT. TOOTH
(4pcs supplied)
8-32 HEX NUT
(4pcs supplied)
OPTIONAL FAN
* HARDWARE OPTIONS:
- #10-32 X 5/8" TRILOBE SCREW WILL SELF-TAP INTO HOLES ON
OPTIONAL FAN, OR CAN BE USED WITH #10 TINNERMANS NUT WITH
GRILL ONLY.
- 8-32 X 2" SCREW TO BE USED WITH OPTIONAL FAN.


Similar Part No. - PFF2000

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PFF2000 HAMMOND-PFF2000 Datasheet
47Kb / 1P
Filtres de remplacement
PFF2000 HAMMOND-PFF2000 Datasheet
82Kb / 2P
Grilles pour ventilateurs a filtre
PFF20000 HAMMOND-PFF20000 Datasheet
41Kb / 1P
Filtres de remplacement
More results

Similar Description - PFF2000

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1487DV1 HAMMOND-1487DV1 Datasheet
155Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487DV2 HAMMOND-1487DV2 Datasheet
152Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E12SS HAMMOND-1487E12SS Datasheet
55Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E24 HAMMOND-1487E24 Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E48 HAMMOND-1487E48 Datasheet
188Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E120 HAMMOND-1487E120 Datasheet
190Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EHSS HAMMOND-1487EHSS Datasheet
14Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EK HAMMOND-1487EK Datasheet
94Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EL2SS HAMMOND-1487EL2SS Datasheet
16Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EM6 HAMMOND-1487EM6 Datasheet
133Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com