Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1F7 Datasheet(PDF) 1 Page - Formosa MS

Part # 1F7
Description  1.0 AMP FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1F7 Datasheet(HTML) 1 Page - Formosa MS

  1F7 Datasheet HTML 1Page - Formosa MS 1F7 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=25 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
1F1
1F2
1F3
1F4
1F5
1F6
1F7
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.0
25
5.0
100
15
-65
+150
V
A
A
V
mA
mA
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.19 grams
1F1 THRU 1F7
1.3
250
500
150
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
R-1
Dimensions in inches and (millimeters)
.787(20.0)
MIN.
.787(20.0)
MIN.
.126(3.2)
.106(2.7)
.025(0.65)
.021(0.55)
DIA.
.102(2.6)
.091(2.3)
DIA.
Operating and Storage Temperature Range TJ, TSTG


Similar Part No. - 1F7

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1F7 PANJIT-1F7 Datasheet
57Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
1F7 RECTRON-1F7 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER
logo
Dc Components
1F7 DCCOM-1F7 Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF MINIATURE FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
1F7 GOOD-ARK-1F7 Datasheet
155Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Leshan Radio Company
1F7 LRC-1F7 Datasheet
51Kb / 2P
1A FAST RECOVERY DIODES
More results

Similar Description - 1F7

ManufacturerPart #DatasheetDescription
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_1 Datasheet
247Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
FR101 TSC-FR101_1 Datasheet
262Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
1F1 GWSEMI-1F1 Datasheet
67Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
1F1 DGNJDZ-1F1 Datasheet
139Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
BA157-2C1A-2CDO-41 DGNJDZ-BA157-2C1A-2CDO-41 Datasheet
212Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
1N4942 DGNJDZ-1N4942 Datasheet
219Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com