Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMF
Description  SMD Multilayer Common Mode Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMF Datasheet HTML 1Page - List of Unclassifed Manufacturers CMF Datasheet HTML 2Page - List of Unclassifed Manufacturers CMF Datasheet HTML 3Page - List of Unclassifed Manufacturers CMF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Multilayer Common Mode Filter - CMF Series
Electrical Characteristics
Impedance
Test
Frequency
Tolerance
RDC
Rated Current Rated Voltage
Insulation
Resistance
Part Number
(Ω)
(MHz)
(±%)
(Ω)Max
(mA)Max
(Vdc)Max
(MΩ) Min
CMF11T-670M-N2
67
100
20
1.35
100
10
200
CMF11T-900M-N2
90
100
20
1.45
100
10
200
 When ordering, please specify tolerance and packaging codes
 Tolerance: M = ±20%
 Packaging: Clear tape and reel {standard}
 Z: Agilent E4991A
 Rdc (single line): CH502BC HP4338B
 Insulation Resistance: Agilent HP4339B
 Operating temperature range from -40℃ to +105℃. (Including self - temperature rise )
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CMF11T-670M-N2
1
10
100
1,000
10,000
1
10
100
1,000
10,000
FREQUENCY(MHz)
Common mode
Differencial mode
CMF11T-900M-N2
1
10
100
1,000
10,000
1
10
100
1,000
10,000
FREQUENCY(MHz)
Common mode
Differential mode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com