Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMM
Description  SMD Common Mode Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMM Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Common Mode Choke – CMM 0805 Series
Electrical Characteristics
Part Number
Impedance
(Ω)
Test Frequency
(MHz)
Tolerance
(±%)
Idc
(mA) Max
Rated Voltage
(Vdc)
Rdc
(Ω) Max
Insulation Resistance
(MΩ) Min
CMM0805-300M-N
30
100
20
1300
50
0.20
10
CMM0805-420M-N
42
100
20
1300
50
0.20
10
CMM0805-670M-N
67
100
20
1200
50
0.25
10
CMM0805-900M-N
90
100
20
1000
50
0.27
10
CMM0805-121M-N
120
100
20
900
50
0.30
10
CMM0805-181M-N
180
100
20
700
50
0.40
10
CMM0805-261M-N
260
100
20
700
50
0.60
10
When ordering, please specify tolerance and packaging codes.
Tolerance : M = ±20%
Packaging : Clear tape and reel { standard }.
Z : Agilent/HP4291A
Rdc(single line) : CH502BC/ HP4338B
Insulation Resistance : Agilent /HP4339B
Operating temperature range from -25℃ to 85℃.
Typical Impedance vs. Frequency
CMM0805-900M-S
0.1
1
10
100
1000
1
10
100
1000
10000
FREQUENCY(MHz)
COMMON MODE
NORMAL MODE
CMM0805-900M-N



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com