Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPUD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPUD
Description  Leaded Power Chokes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPUD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPUD Datasheet HTML 1Page - List of Unclassifed Manufacturers CPUD Datasheet HTML 2Page - List of Unclassifed Manufacturers CPUD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Power Inductors - CPUD Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test
Frequency
(KHz)
RDC
(mΩ) ±8%
Isat
(A) Max
Irms
(A) Max
Marking
CPUD0806MN-R60M-N
0.6
20
100
2.1
24
20
R60
CPUD0806MN-1R0M-N
1.0
20
100
3.0
15
18
1R0
CPUD0806MN-1R5M-N
1.5
20
100
4.5
11
13
1R5
CPUD0806MN-2R2M-N
2.2
20
100
4.5
8
13
2R2
CPUD0806MN-3R3M-N
3.3
20
100
6.8
7
11
3R3
CPUD0806MN-4R7M-N
4.7
20
100
12.0
5
7
4R7
CPUD1108IR-R30M-N
0.30
20
100
0.65
50
43
R30
CPUD1108IR-R56M-N
0.56
20
100
1.00
42
35
R56
CPUD1108IR-1R0M-N
1.0
20
100
2.00
50
28
1R0
CPUD1108IR-1R5M-N
1.5
20
100
3.65
30
20
1R5
CPUD1108IR-2R0M-N
2.0
20
100
5.20
27
15
2R0
CPUD1310IR-1R0M-N
1.0
20
100
1.15
42
32
1R0
CPUD1310IR-1R5M-N
1.5
20
100
1.85
42
26
1R5
CPUD1310IR-2R0M-N
2.0
20
100
3.50
35
21
2R0
CPUD1310IR-3R3M-N
3.3
20
100
5.00
22
17
3R3
CPUD1310IR-4R7M-N
4.7
20
100
8.60
17
12
4R7
 Isat for inductance drops 20% from its value without current
 Irms for a 40℃ rise above 25℃ ambient.
 Customized Specifications are available.
 Tested L: WK4237METER
RDC: HK502BC METER
Isat、Irms : WK3260B/ 3265B METER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com