Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPUS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPUS
Description  SMD Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPUS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPUS Datasheet HTML 1Page - List of Unclassifed Manufacturers CPUS Datasheet HTML 2Page - List of Unclassifed Manufacturers CPUS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Power Inductors - CPUS Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test
Frequency
(KHz)
RDC
(mΩ) Max
Isat
(A) Max
Irms
(A) Max
Marking
CPUS0807MN-R30M-N
0.30
20
100
2.7
27
16
R30
CPUS0807MN-R47M-N
0.47
20
100
3.1
25
15
R47
CPUS0807MN-R56M-N
0.56
20
100
3.1
20
15
R56
CPUS0807MN-R68M-N
0.68
20
100
3.1
17
15
R68
CPUS0807MN-1R0M-N
1.0
20
100
4.3
15
13
1R0
CPUS0807MN-1R5M-N
1.5
20
100
6.2
11
10
1R5
CPUS0807MN-2R2M-N
2.2
20
100
6.2
8
10
2R2
CPUS0807MN-3R3M-N
3.3
20
100
9.0
5
8
3R3
CPUS1009MN-R22M-N
0.22
20
100
1.60
55
22
R22
CPUS1009MN-R33M-N
0.33
20
100
1.60
42
22
R33
CPUS1009MN-R47M-N
0.47
20
100
1.85
36
20
R47
CPUS1009MN-R56M-N
0.56
20
100
1.85
32
20
R56
CPUS1009MN-R68M-N
0.68
20
100
2.65
28
17
R68
CPUS1009MN-R82M-N
0.82
20
100
2.65
24
17
R82
CPUS1009MN-1R0M-N
1.0
20
100
2.65
21
17
1R0
CPUS1009MN-1R5M-N
1.5
20
100
4.00
17
13.5
1R5
CPUS1009MN-2R2M-N
2.2
20
100
5.30
14
12
2R2
CPUS1009MN-3R3M-N
3.3
20
100
7.70
10
11
3R3
CPUS1009MN-4R7M-N
4.7
20
100
10.8
8.5
10
4R7
CPUS1009MN-6R8M-N
6.8
20
100
16.9
7.0
9
6R8
CPUS1009MN-8R2M-N
8.2
20
100
16.9
6.0
9
8R2
CPUS1009MN-100M-N
10
20
100
26.0
5.0
7
100
CPUS1210MN-R22M-N
0.22
20
100
1.5
55
37
R22
CPUS1210MN-R33M-N
0.33
20
100
1.5
45
37
R33
CPUS1210MN-R47M-N
0.47
20
100
1.8
45
35
R47
CPUS1210MN-R56M-N
0.56
20
100
1.8
35
35
R56
CPUS1210MN-R68M-N
0.68
20
100
1.8
33
35
R68
CPUS1210MN-R82M-N
0.82
20
100
2.4
31
30
R82
CPUS1210MN-1R0M-N
1.0
20
100
2.4
28
30
1R0
CPUS1210MN-1R5M-N
1.5
20
100
3.5
24
25
1R5
CPUS1210MN-2R2M-N
2.2
20
100
4.7
18
21
2R2
CPUS1210MN-3R3M-N
3.3
20
100
6.3
14
15
3R3
CPUS1210MN-4R7M-N
4.7
20
100
8.8
11
12
4R7
CPUS1210MN-6R8M-N
6.8
20
100
12.5
9
10
6R8
CPUS1210MN-8R2M-N
8.2
20
100
13.0
7
9
8R2
CPUS1210MN-100M-N
10
20
100
18.7
6
8
100
 Isat for inductance drops 20% from its value without current
 Irms for a 40℃ rise above 25℃ ambient.
 Customized Specifications are available.
 Tested L: WK4237METER
RDC: HK502BC METER
Isat、Irms : WK3260B/ 3265B METER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com