Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTK170P10P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTK170P10P
Description  PolarP Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK170P10P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTK170P10P Datasheet HTML 1Page - IXYS Corporation IXTK170P10P Datasheet HTML 2Page - IXYS Corporation IXTK170P10P Datasheet HTML 3Page - IXYS Corporation IXTK170P10P Datasheet HTML 4Page - IXYS Corporation IXTK170P10P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25°C to 150
°C
-100
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
-100
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C (Chip Capability)
-170
A
I
LRMS
Lead Current Limit, RMS
-160
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
- 510
A
I
A
T
C = 25°C
-170
A
E
AS
T
C = 25°C
3.5
J
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
890
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Force
(PLUS247)
20..120 / 4.5..27
N/lb.
Mounting Forque
(TO-264)
1.13 / 10
Nm/lb.in.
Weight
PLUS247
6
g
TO-264
10
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250μA
-100
V
V
GS(th)
V
DS = VGS, ID = -1mA
- 2.0
- 4.0
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS = 0V
- 50
μA
T
J = 125°C
- 250
μA
R
DS(on)
V
GS = -10V, ID = 0.5 • ID25, Note 1
12 m
Ω
PolarPTM
Power MOSFETs
P-Channel Enhancement Mode
Avalanche Rated
V
DSS
= -100V
I
D25
= -170A
R
DS(on) ≤
≤≤≤≤
12m
Ω
Ω
Ω
Ω
Ω
Features
International Standard Packages
Rugged PolarPTM Process
High Current Handling Capability
Fast Intrinsic Diode
Avalanche Rated
Low Package Inductance
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
High-Side Switches
Push Pull Amplifiers
DC Choppers
Automatic Test Equipment
Current Regulators
DS99974B(01/13)
IXTK170P10P
IXTX170P10P
G = Gate
D
= Drain
S = Source
Tab = Drain
PLUS247 (IXTX)
Tab
G
D
S
TO-264 (IXTK)
S
G
D
Tab


Similar Part No. - IXTK170P10P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTK170P10P ISC-IXTK170P10P Datasheet
306Kb / 2P
P-Channel MOSFET
More results

Similar Description - IXTK170P10P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT6N100F IXYS-IXFT6N100F Datasheet
820Kb / 4P
Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
logo
Sensitron
SHD218413 SENSITRON-SHD218413 Datasheet
42Kb / 2P
POWER MOSFETS
logo
List of Unclassifed Man...
ECG2399 ETC1-ECG2399 Datasheet
115Kb / 1P
Power MOSFETS
logo
Sirectifier Semiconduct...
SMOS21N50 SIRECTIFIER-SMOS21N50 Datasheet
143Kb / 2P
Power MOSFETs
logo
IXYS Corporation
IXTN40P50P IXYS-IXTN40P50P Datasheet
125Kb / 5P
PolarP Power MOSFET
IXTN32P60P IXYS-IXTN32P60P Datasheet
122Kb / 5P
PolarP Power MOSFET
IXFT16N120P IXYS-IXFT16N120P_V01 Datasheet
135Kb / 6P
Power MOSFETs
IXFV52N30P IXYS-IXFV52N30P_V01 Datasheet
195Kb / 6P
Power MOSFETs
logo
Vishay Siliconix
SIHF9630 VISHAY-SIHF9630_V01 Datasheet
153Kb / 9P
Power MOSFETS
21-Mar-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com